Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8253
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8253 Datasheet HTML 24Page - Analog Devices AD8253 Datasheet HTML 25Page - Analog Devices AD8253 Datasheet HTML 26Page - Analog Devices AD8253 Datasheet HTML 27Page - Analog Devices AD8253 Datasheet HTML 28Page - Analog Devices AD8253 Datasheet HTML 29Page - Analog Devices AD8253 Datasheet HTML 30Page - Analog Devices AD8253 Datasheet HTML 31Page - Analog Devices AD8253 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LTC6373
28
Rev. 0
For more information www.analog.com
1nF
33
33
1nF
180pF
2.2µF
0.1µF
0.1µF
10K
10µF
1K
1K
1.1K
1K
1.1K
1K
10K
ADC Driver
VDD=1.8V
5.5V
-5.5V
ADC
-
+
5.5V
-5.5V
VCMO
+
-
LTC6373
-
+
VOCM
+15V
-15V
(5.5V)/G
(-5.5V)/G
V-IN
V+IN
used to
set G
(5.5V)/G
(-5.5V)/G
VS+=5.5V
VREF=5V
VCMO
ADAQ4003
(Gain=0.454)
GND
6373 F11
VS-=-1V
Figure 11. LTC6373 Driving ADAQ4003 (Gain = 0.454)
THROUGHPUT = 2Msps
fIN = 1kHz
fIN = 5kHz
fIN = 10kHz
LTC6373 GAIN SETTING (G)
0.25 0.5
1
2
4
8
16
74
76
78
80
82
84
86
88
90
92
94
ADAQ4003 (Gain = 0.454)
SNR for LTC6373 Driving
6373 F12
THROUGHPUT = 2Msps
fIN = 1kHz
fIN = 5kHz
fIN = 10kHz
LTC6373 GAIN SETTING (G)
0.25 0.5
1
2
4
8
16
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
ADAQ4003 (Gain = 0.454)
THD for LTC6373 Driving
6373 F13
Figure 12. SNR for LTC6373 Driving ADAQ4003 (Gain = 0.454)
Figure 13. THD for LTC6373 Driving ADAQ4003 (Gain = 0.454)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com