Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8253
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8253 Datasheet HTML 11Page - Analog Devices AD8253 Datasheet HTML 12Page - Analog Devices AD8253 Datasheet HTML 13Page - Analog Devices AD8253 Datasheet HTML 14Page - Analog Devices AD8253 Datasheet HTML 15Page - Analog Devices AD8253 Datasheet HTML 16Page - Analog Devices AD8253 Datasheet HTML 17Page - Analog Devices AD8253 Datasheet HTML 18Page - Analog Devices AD8253 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
LTC6373
15
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
V+ = V+OUT = 15V, V– = –15V, VICM = VOCM = 0V, TA = 25°C, G = 1, unless otherwise noted.
Differential Output Impedance vs
Frequency
Gain Switching Transient
Response
Turn-On and Turn-Off
Transient Response
Output Overdrive Recovery
Common Mode Offset Voltage
vs Temperature
FREQUENCY (MHz)
0.01
0.1
1
10
100
1
10
100
1000
6373 G69
VOUTDIFF
VA0
VA1
G = 16
G = 16
G = 8
G = 8
G = 2
VA2 = 0V
TIME (40µs/DIV)
6373 G70
VOUTDIFF
VA2 = VA1= VA0
TIME (20µs/DIV)
6373 G71
VOUTDIFF
16 • V+IN
G = 16
V+IN = 5VP-P
V–IN = 0V
TIME (20µs/DIV)
6373 G72
5 UNITS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–4
–3
–2
–1
0
1
2
3
4
vs Temperature
6373 G73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com