Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8253
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8253 Datasheet HTML 21Page - Analog Devices AD8253 Datasheet HTML 22Page - Analog Devices AD8253 Datasheet HTML 23Page - Analog Devices AD8253 Datasheet HTML 24Page - Analog Devices AD8253 Datasheet HTML 25Page - Analog Devices AD8253 Datasheet HTML 26Page - Analog Devices AD8253 Datasheet HTML 27Page - Analog Devices AD8253 Datasheet HTML 28Page - Analog Devices AD8253 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LTC6373
25
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
impedance mismatches internally to the IC. Additionally,
the CAP pin should be bypassed to the ground plane with
a high quality 180pF ceramic capacitor to ensure proper
operation of LTC6373 across its different gain settings.
To prevent coupling noise onto LTC6373, shield fast
switching digital signals where they are in proximity of
analog signals on the board.
Driving High Precision ADCs
The LTC6373 makes an excellent PGIA for use in data
acquisition systems. Attributes such as fully differen-
tial outputs, good DC precision, low noise, low distor-
tion, and high bandwidth enable LTC6373 to drive ADCs
directly in many signal conditioning applications. The
recommended list of precision SAR ADCs for use with
the LTC6373 is shown in Table 3. The circuit in Figure
8 shows an example of the LTC6373 driving a precision
ADC such as the AD4020 (a 20-bit, 1.8Msps, SAR ADC) or
AD7134 (a 24-bit, 1.5Msps, Continuous-Time, ∑-∆ ADC).
The LTC6373 is DC-coupled on the input and the output,
which eliminates the need for a transformer to drive the
ADC. The LTC6373 gain is programmed to its desired set-
ting using A2/A1/A0 pins, as previously described in the
Gain Selection section of this data sheet. In the example
of Figure 8, the LTC6373 is being used in a differential
input to differential output configuration with dual sup-
plies of ±15V. It can also be used in a single-ended input
to differential output configuration.
The VOCM pin is biased to VREF/2 (which is provided
directly by the ADC in some products). This achieves
level shifting of the outputs of the LTC6373 to match the
desired input common mode of the ADC. In Figure 8, each
of the LTC6373 outputs swings between 0V and VREF
(opposite in phase), thus providing 2VREF peak-to-peak
differential signal to the ADC inputs. In some cases, an
RC network between the LTC6373 outputs and the ADC
inputs is required providing a single-pole, low-pass filter
to help reduce nonlinear charge kickback due to ADC input
switching as well as limiting the broadband noise.
Table 3. Recommended SAR ADCs
Resolution (Bits) Product
Max Throughput (Msps)
Power @ Max
Throughput (mW)
Typical SNR (dB)
20
AD4020
1.8
15
100.5
LTC2378-20
1
21
104
18
AD4003
2
16
100.5
LTC2379-18
1.6
18
101.2
16
AD4001
2
16
96.2
LTC2380-16
2
19
96.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com