Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5822MDCPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 22Page - Texas Instruments TAS5822MDCPR Datasheet HTML 23Page - Texas Instruments TAS5822MDCPR Datasheet HTML 24Page - Texas Instruments TAS5822MDCPR Datasheet HTML 25Page - Texas Instruments TAS5822MDCPR Datasheet HTML 26Page - Texas Instruments TAS5822MDCPR Datasheet HTML 27Page - Texas Instruments TAS5822MDCPR Datasheet HTML 28Page - Texas Instruments TAS5822MDCPR Datasheet HTML 29Page - Texas Instruments TAS5822MDCPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
LRCK/FS
-
,
2
1
32
31
2
1
32
31
1
1
1
«
1 /fS .
16
15
2
1
16
15
2
1
«
«
«
«
2
1
24
23
2
1
24
23
Audio data word = 16-bit, Offset = 0
SCLK
DATA
DATA
DATA
Audio data word = 24-bit, Offset = 0
Audio data word = 32-bit, Offset = 0
Data Slot 1
MSB
LSB
MSB
LSB
Data Slot 2
«
«
«
«
«
MSB
LSB
«
MSB
LSB
Data Slot 1
MSB
LSB
LSB
TDM Data Format with OFFSET = 0
In TDM Modes, Duty Cycle of LRCK/FS should be 1x SCLK at minimum. Rising edge is considered frame start.
Figure 7-5. TDM 1 Audio Data Format
LRCK/FS
2
1
32
31
2
1
32
31
1
1
1
«
1 /fS .
16
15
2
1
16
15
2
1
«
«
«
«
2
1
24
23
2
1
24
23
Audio data word = 16-bit, Offset = 1
SCLK
DATA
DATA
DATA
Audio data word = 24-bit, Offset = 1
Audio data word = 32-bit, Offset = 1
Data Slot 1
MSB
LSB
MSB
LSB
Data Slot 2
«
«
«
«
«
MSB
LSB
«
MSB
LSB
Data Slot 1
MSB
LSB
LSB
Data Slot 2
Data Slot 1
Data Slot 2
OFFSET = 1
TDM Data Format with OFFSET = 1
In TDM Modes, Duty Cycle of LRCLK/FS should be 1x SCLK at minimum. Rising edge is considered frame start.
Figure 7-6. TDM 2 Audio Data Format
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com