Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5822MDCPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 4 Page - Texas Instruments

  TAS5822MDCPR Datasheet HTML 1Page - Texas Instruments TAS5822MDCPR Datasheet HTML 2Page - Texas Instruments TAS5822MDCPR Datasheet HTML 3Page - Texas Instruments TAS5822MDCPR Datasheet HTML 4Page - Texas Instruments TAS5822MDCPR Datasheet HTML 5Page - Texas Instruments TAS5822MDCPR Datasheet HTML 6Page - Texas Instruments TAS5822MDCPR Datasheet HTML 7Page - Texas Instruments TAS5822MDCPR Datasheet HTML 8Page - Texas Instruments TAS5822MDCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SDA
27
DI/O
I2C serial control data interface input/output
SCL
28
DI
I2C serial control clock input
PDN
29
DI
Power Down, active-low. PDN place the amplifier in Shutdown, turn off all internal regulators.
AVDD
30
P
Internally regulated 5-V analog supply voltage. This pin must not be used to drive external devices
AGND
31
G
Analog ground
PVDD
6
P
PVDD voltage input
7
P
32
P
33
P
PGND
3
G
Ground reference for power device circuitry. Connect this pin to system ground.
36
G
OUT_A+
5
O
Positive pin for differential speaker amplifier output A+
BST_A+
4
P
Connection point for the OUT_A+ bootstrap capacitor which is used to create a power supply for the high-side
gate drive for OUT_A+
OUT_A-
2
O
Negative pin for differential speaker amplifier output A-
BST_A-
1
P
Connection point for the OUT_A- bootstrap capacitor which is used to create a power supply for the high-side gate
drive for OUT_A-
BST_B-
38
P
Connection point for the OUT_B- bootstrap capacitor which is used to create a power supply for the high-side gate
drive for OUT_B-
OUT_B-
37
O
Negative pin for differential speaker amplifier output B
BST_B+
35
P
Connection point for the OUT_B+ bootstrap capacitor which is used to create a power supply for the high-side
gate drive for OUT_B+
OUT_B+
34
O
Positive pin for differential speaker amplifier output B+
NC
18
-
No Connect Pin. Can be shorted to PVDD or shorted to GND or left open.
NC
19
-
No Connect Pin. Can be shorted to PVDD or shorted to GND or left open.
NC
20
-
No Connect Pin. Can be shorted to PVDD or shorted to GND or left open.
NC
21
-
No Connect Pin. Can be shorted to PVDD or shorted to GND or left open.
NC
17
-
No Connect Pin. Can be shorted to PVDD or shorted to GND or left open.
NC
16
-
No Connect Pin. Can be shorted to PVDD or shorted to GND or left open.
NC
22
-
No Connect Pin. Can be shorted to PVDD or shorted to GND or left open.
NC
25
-
No Connect Pin. Can be shorted to PVDD or shorted to GND or left open.
NC
23
-
No Connect Pin. Can be shorted to PVDD or shorted to GND or left open.
NC
24
-
No Connect Pin. Can be shorted to PVDD or shorted to GND or left open.
PowerPAD™
G
Connect to the system Ground
(1)
AI = Analog input, AO = Analog output, DI = Digital Input, DO = Digital Output, DI/O = Digital Bi-directional (input and output), P =
Power, G = Ground (0 V)
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com