Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5822MDCPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 3 Page - Texas Instruments

  TAS5822MDCPR Datasheet HTML 1Page - Texas Instruments TAS5822MDCPR Datasheet HTML 2Page - Texas Instruments TAS5822MDCPR Datasheet HTML 3Page - Texas Instruments TAS5822MDCPR Datasheet HTML 4Page - Texas Instruments TAS5822MDCPR Datasheet HTML 5Page - Texas Instruments TAS5822MDCPR Datasheet HTML 6Page - Texas Instruments TAS5822MDCPR Datasheet HTML 7Page - Texas Instruments TAS5822MDCPR Datasheet HTML 8Page - Texas Instruments TAS5822MDCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
Device Comparison Table
ORDERABLE PART
NUMBER
RECOMMENDED PVDD
RANGE
Typical Peak Current
(speaker current)
RDS(ON) OPTION
Package
TAS5805M
4.5 V to 26.4 V
5A
180 mΩ
TSSOP 28
TAS5806M
4.5 V to 26.4 V
5A
180 mΩ
TSSOP 38 (Pin to Pin with
TAS5822M)
TAS5822M
4.5 V to 26.4 V
7A
90 mΩ
TSSOP 38 (Pin to Pin with
TAS5806M)
5 Pin Configuration and Functions
1
BST_A-
38
BST_B-
2
OUT_A-
37
OUT_B-
3
PGND
36
PGND
4
BST_A+
35
BST_B+
5
OUT_A+
34
OUT_B+
6
PVDD
33
PVDD
7
PVDD
32
PVDD
8
DGND
31
AGND
9
DVDD
30
AVDD
10
ADR/FAULT
29
PDN
11
VR_DIG
28
SCL
12
DGND
27
SDA
13
LRCLK
26
SDOUT
14
SCLK
25
NC
15
SDIN
24
NC
16
NC
23
NC
17
NC
22
NC
18
NC
21
NC
19
NC
20
NC
Not to scale
Thermal
Pad
Figure 5-1. DCP Package, 38-Pin TSSOP, Top View
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DGND
8,12
G
Digital ground
DVDD
9
P
3.3-V or 1.8-V digital power supply
VR_DIG
11
P
Internally regulated 1.5-V digital supply voltage. This pin must not be used to drive external devices
ADR/ FAULT
10
DIO
Different I2 C device address can be set by selecting different pull up resistor to DVDD, see Table 4 for details.
This pin can be programed by writing 1 to a register bit after Power up bit. In this mode, the ADR/ FAULT Is
redefined as FAULT,go to Page 0, Book 0, set register 0x61 = 0x0b first, then set register 0x60 = 0x01
LRCLK
13
DI
Word select clock for the digital signal that is active on the serial port's input data line. In I2S, LJ and RJ, this
corresponds to the left channel and right channel boundary. In TDM mode, this corresponds to the frame sync
boundary.
SCLK
14
DI
Bit clock for the digital signal that is active on the input data line of the serial data port.
SDIN
15
DI
Data line to the serial data port
SDOUT
26
DO
Serial Audio data output, the source data can select as Pre-DSP or Post DSP
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com