Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5822MDCPR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 47Page - Texas Instruments TAS5822MDCPR Datasheet HTML 48Page - Texas Instruments TAS5822MDCPR Datasheet HTML 49Page - Texas Instruments TAS5822MDCPR Datasheet HTML 50Page - Texas Instruments TAS5822MDCPR Datasheet HTML 51Page - Texas Instruments TAS5822MDCPR Datasheet HTML 52Page - Texas Instruments TAS5822MDCPR Datasheet HTML 53Page - Texas Instruments TAS5822MDCPR Datasheet HTML 54Page - Texas Instruments TAS5822MDCPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
7.6.1.16 DIG_VOL_CTRL1 Register (Offset = 4Eh) [reset = 0x33]
DIG_VOL_CTRL1 is shown in Figure 7-28 and described in Table 7-24.
Return to Table 7-7.
Figure 7-28. DIG_VOL_CTRL1 Register
7
6
5
4
3
2
1
0
PGA_RAMP_DOWN_SPEED
PGA_RAMP_DOWN_STEP
PGA_RAMP_UP_SPEED
PGA_RAMP_UP_STEP
R/W
R/W
R/W
R/W
Table 7-24. DIG_VOL_CTRL1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
PGA_RAMP_DOWN_SPE
ED
R/W
00
Digital Volume Normal Ramp Down Frequency
These bits control the frequency of the digital volume updates when
the volume is ramping down.
00: Update every 1 FS period
01: Update every 2 FS periods
10: Update every 4 FS periods
11: Directly set the volume to zero (Instant mute)
5-4
PGA_RAMP_DOWN_STE
P
R/W
11
Digital Volume Normal Ramp Down Step
These bits control the step of the digital volume updates when the
volume is ramping down.
00: Decrement by 4 dB for each update
01: Decrement by 2 dB for each update
10: Decrement by 1 dB for each update
11: Decrement by 0.5 dB for each update
3-2
PGA_RAMP_UP_SPEED R/W
00
Digital Volume Normal Ramp Up Frequency
These bits control the frequency of the digital volume updates when
the volume is ramping up.
00: Update every 1 FS period
01: Update every 2 FS periods
10: Update every 4 FS periods
11: Directly restore the volume (Instant unmute)
1-0
PGA_RAMP_UP_STEP
R/W
11
Digital Volume Normal Ramp Up Step
These bits control the step of the digital volume updates when the
volume is ramping up.
00: Increment by 4 dB for each updat
e 01: Increment by 2 dB for each update
10: Increment by 1 dB for each update
11: Increment by 0.5 dB for each update
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com