Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5822MDCPR Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 80 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 76Page - Texas Instruments TAS5822MDCPR Datasheet HTML 77Page - Texas Instruments TAS5822MDCPR Datasheet HTML 78Page - Texas Instruments TAS5822MDCPR Datasheet HTML 79Page - Texas Instruments TAS5822MDCPR Datasheet HTML 80Page - Texas Instruments TAS5822MDCPR Datasheet HTML 81Page - Texas Instruments TAS5822MDCPR Datasheet HTML 82Page - Texas Instruments TAS5822MDCPR Datasheet HTML 83Page - Texas Instruments TAS5822MDCPR Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
• Because the ground pins are the best conductors of heat in the package, maintain a contiguous ground plane
from the ground pins to the PCB area surrounding the device for as many of the ground pins as possible.
10.1.3.2 Stencil Pattern
The recommended drawings for the TAS5822M device PCB foot print and associated stencil pattern are shown
at the end of this document in the package addendum. Additionally, baseline recommendations for the via
arrangement under and around the device are given as a starting point for the PCB design. This guidance is
provided to suit the majority of manufacturing capabilities in the industry and prioritizes manufacturability over all
other performance criteria. In elevated ambient temperature or under high-power dissipation use-cases, this
guidance may be too conservative and advanced PCB design techniques may be used to improve thermal
performance of the system.
Note
The customer must verify that deviation from the guidance shown in the package addendum, including
the deviation explained in this section, meets the customer’s quality, reliability, and manufacturability
goals.
10.1.3.2.1 PCB footprint and Via Arrangement
The PCB footprint (also known as a symbol or land pattern) communicates to the PCB fabrication vendor the
shape and position of the copper patterns to which the TAS5822M device will be soldered. This footprint can be
followed directly from the guidance in the package addendum at the end of this data sheet. It is important to
make sure that the thermal pad, which connects electrically and thermally to the PowerPAD™ of the TAS5822M
device, be made no smaller than what is specified in the package addendum. This ensures that the TAS5822M
device has the largest interface possible to move heat from the device to the board.
The via pattern shown in the package addendum provides an improved interface to carry the heat from the
device through to the layers of the PCB, because small diameter plated vias (with minimally-sized annular rings)
present a low thermal-impedance path from the device into the PCB. Once into the PCB, the heat travels away
from the device and into the surrounding structures and air. By increasing the number of vias, as shown in the
Section 10.2 section, this interface can benefit from improved thermal performance.
Note
Vias can obstruct heat flow if they are not constructed properly.
More notes on the construction and placement of vias are as follows:
• Remove thermal reliefs on thermal vias, because they impede the flow of heat through the via.
• Vias filled with thermally conductive material are best, but a simple plated via can be used to avoid the
additional cost of filled vias.
• The diameter of the drull must be 8 mm or less. Also, the distance between the via barrel and the surrounding
planes should be minimized to help heat flow from the via into the surrounding copper material. In all cases,
minimum spacing should be determined by the voltages present on the planes surrounding the via and
minimized wherever possible.
• Vias should be arranged in columns, which extend in a line radially from the heat source to the surrounding
area. This arrangement is shown in the Section 10.2 section.
• Ensure that vias do not cut off power current flow from the power supply through the planes on internal
layers. If needed, remove some vias that are farthest from the TAS5822M device to open up the current path
to and from the device.
10.1.3.2.2 Solder Stencil
During the PCB assembly process, a piece of metal called a stencil on top of the PCB and deposits solder paste
on the PCB wherever there is an opening (called an aperture) in the stencil. The stencil determines the quantity
and the location of solder paste that is applied to the PCB in the electronic manufacturing process. In most
cases, the aperture for each of the component pads is almost the same size as the pad itself. However, the
thermal pad on the PCB is large and depositing a large, single deposition of solder paste would lead to
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
80
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com