Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5822MDCPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 13Page - Texas Instruments TAS5822MDCPR Datasheet HTML 14Page - Texas Instruments TAS5822MDCPR Datasheet HTML 15Page - Texas Instruments TAS5822MDCPR Datasheet HTML 16Page - Texas Instruments TAS5822MDCPR Datasheet HTML 17Page - Texas Instruments TAS5822MDCPR Datasheet HTML 18Page - Texas Instruments TAS5822MDCPR Datasheet HTML 19Page - Texas Instruments TAS5822MDCPR Datasheet HTML 20Page - Texas Instruments TAS5822MDCPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
6.7.2 Parallel Bridge Tied Load (PBTL) Configuration Curves with 1SPW Modulation, Fsw = 768kHz
Free-air room temperature 25°C (unless otherwise noted).Measurements were made using TAS5822MEVM
board and Audio Precision System 2722 with Analog Analyzer filter set to 20-kHz brickwall filter. All
measurements taken with audio frequency set to 1 kHz and device PWM frequency set to 768 kHz, 1SPW
Mode, the LC filter used was 10 μH / 0.68 μF, Class D bandwidth = 175 kHz, unless otherwise noted.
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70
D016
TA=25qC
RL=4:
PBTL Mode
Fsw=768kHz
D300
PVDD = 18V
PVDD = 22 V
PVCC = 24 V
FSW = 768 kHz
Load = 4Ω
PVDD =
18V/22V/24V
Figure 6-33. Efficiency vs Output Power
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70
D016
TA=25qC
RL=3:
PBTL Mode
Fsw=768kHz
D925
PVDD = 18V
PVDD = 22 V
PVCC = 24 V
FSW = 768 kHz
Load = 3Ω
PVDD =
18V/22V/24V
Figure 6-34. Efficiency vs Output Power
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70
D016
TA=25qC
RL=2:
PBTL Mode
Fsw=768kHz
D926
PVDD = 18V
PVDD = 22 V
PVCC = 24 V
FSW = 768 kHz
Load = 2Ω
PVDD =
18V/22V/24V
Figure 6-35. Efficiency vs Output Power
Supply Voltage (V)
0
20
40
60
80
100
20
5
15
18
10
20
Fsw=768kHz
1SPW Modulation
PBTL Mode
D007
D030
D927
Load=4:
Load=3:
Load=2:
FSW = 768 kHz Load = 2Ω/3Ω/4Ω 1SPW Mode
Figure 6-36. idle Channel Noise vs PVDD
Supply Voltage (V)
4
6
8
10
12
14
16
18
20
22
24
26
0
10
20
30
40
50
60
70
80
90
100
D014
D037
Fsw=768kHz
TA=25qC
1SPW Mode
D928
THD+N= 1%, 4:
THD+N=10%, 4:
THD+N= 1%, 3:
THD+N=10%, 3:
THD+N= 1%, 2:
THD+N=10%, 2:
FSW = 768 kHz Load = 2Ω/3Ω/4Ω 1SPW Mode
Figure 6-37. Output Power vs PVDD
Output Power (W)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
D007
PVCC=18V
TA=25qC
RL=4:
PBTL Mode
D929
f= 1kHz
f= 10kHz
FSW = 768 kHz
Load = 4Ω
PVDD = 18V
Figure 6-38. THD+N vs Output Power
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com