Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5822MDCPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5822MDCPR Datasheet HTML 1Page - Texas Instruments TAS5822MDCPR Datasheet HTML 2Page - Texas Instruments TAS5822MDCPR Datasheet HTML 3Page - Texas Instruments TAS5822MDCPR Datasheet HTML 4Page - Texas Instruments TAS5822MDCPR Datasheet HTML 5Page - Texas Instruments TAS5822MDCPR Datasheet HTML 6Page - Texas Instruments TAS5822MDCPR Datasheet HTML 7Page - Texas Instruments TAS5822MDCPR Datasheet HTML 8Page - Texas Instruments TAS5822MDCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with
96kHz Enhanced Processing
1 Features
• Flexible audio I/O:
– Supports 32, 44.1, 48, 88.2, 96 kHz sample
rates
– I2S, LJ, RJ, TDM
– SDOUT for audio monitoring, sub-channel or
echo cancellation
– PLL integrated, supports 3-Wire digital audio
interface (no MCLK required)
– Supports stereo bridge-tied or mono parallel
bridge-tied loads (BTL and PBTL)
• Efficient class-D operation:
– > 90% power efficiency, 90 mΩ RDSon
• Supports multiple output configurations
– 2 × 35 W in 2.0 Mode (8-Ω, 24 V, THD+N=1%)
– 2 × 22 W in 2.0 Mode (6-Ω, 18 V, THD+N=1%)
• Excellent audio performance:
– THD+N ≤ 0.06% at 1 W, 1 kHz, PVDD = 24 V
– SNR ≥ 110 dB (A-weighted), ICN ≤ 40 μVRMS
• Enhanced audio processing:
– Sample rate convertor
– 96-kHz processor sampling
– DC blocking, 2 ×14 BQs, THD manager
– DPEQ, Volume Control
– Input Mixer, Output Crossbar
– 4th order 2-Band DRC + AGL
– Over temperature fold back
• Flexible power supply configurations
– PVDD: 4.5 V to 26.4 V
– DVDD and I/O: 1.8 V or 3.3 V
• Excellent Integrated self-protection:
– Over-current error (OCE)
– Over-temperature warning (OTW)
– Over-temperature error (OTE)
– Under/over-voltage lock-out (UVLO/OVLO)
• Easy system integration
– I2C Software Control
– Reduced solution size
• Less passives required compared with open
loop devices
• Ultra Low EMI with latest EMI technology
• No large inductors required for most
applications
2 Applications
• Sounds bars, PC audio
• Wireless, Bluetooth speakers
• DTV, HDTV, UHD and multi-purpose monitors
3 Description
The TAS5822M is a High Efficiency digital input
Class-D audio amplifier for driving loudspeakers used
in consumer, commercial, and industrial electronics. .
The high-performance closed loop architecture and
wide-switching frequency range reduces the solution
size by reducing passive components and minimize
the inductor size in most applications. TAS5822M has
an integrated audio processor with up to 96-kHz
architecture support advanced process flow.
This
device
supports
high
efficiency
1SPW
modulation with adjustable Class D loop bandwidth to
achieve good audio performance.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TAS5822M
HTSSOP (38) DCP
9.7 mm × 4.4 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
System
Processor
Digital Audio Source
Speaker
L Channel
1.8V or 3.3V
Speaker
R Channel
4.5V-26.5V
Copyright © 2019, Texas Instruments Incorporated
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TAS5822M
TAS5822M
SLASEV8 – DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TAS5822MDCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5822M TI2-TAS5822M Datasheet
3Mb / 106P
TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
REVISED AUGUST 2025
More results

Similar Description - TAS5822MDCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5780M TI1-TAS5780M Datasheet
2Mb / 204P
Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5806M TI1-TAS5806M Datasheet
2Mb / 91P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Power Dissipation
TAS5806MD TI1-TAS5806MD Datasheet
2Mb / 95P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and DirectPathTM HP Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com