Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5822MDCPR Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 48Page - Texas Instruments TAS5822MDCPR Datasheet HTML 49Page - Texas Instruments TAS5822MDCPR Datasheet HTML 50Page - Texas Instruments TAS5822MDCPR Datasheet HTML 51Page - Texas Instruments TAS5822MDCPR Datasheet HTML 52Page - Texas Instruments TAS5822MDCPR Datasheet HTML 53Page - Texas Instruments TAS5822MDCPR Datasheet HTML 54Page - Texas Instruments TAS5822MDCPR Datasheet HTML 55Page - Texas Instruments TAS5822MDCPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
7.6.1.17 DIG_VOL_CTRL2 Register (Offset = 4Fh) [reset = 0x30]
DIG_VOL_CTRL2 is shown in Figure 7-29 and described in Table 7-25.
Return to Table 7-7.
Figure 7-29. DIG_VOL_CTRL2 Register
7
6
5
4
3
2
1
0
FAST_RAMP_DOWN_SPEED
FAST_RAMP_DOWN_STEP
RESERVED
R/W
R/W
R/W
Table 7-25. DIG_VOL_CTRL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
FAST_RAMP_DOWN_SP
EED
R/W
00
Digital Volume Emergency Ramp Down Frequency
These bits control the frequency of the digital volume updates when
the volume is ramping down due to clock error or power outage,
which usually needs faster ramp down compared to normal soft
mute.
00: Update every 1 FS period
01: Update every 2 FS periods
10: Update every 4 FS periods
11: Directly set the volume to zero (Instant mute)
5-4
FAST_RAMP_DOWN_ST
EP
R/W
11
Digital Volume Emergency Ramp Down Step
These bits control the step of the digital volume updates when the
volume is ramping down due to clock error or power outage, which
usually needs faster ramp down compared to normal soft mute.
00: Decrement by 4 dB for each update
01: Decrement by 2 dB for each update
10: Decrement by 1 dB for each update
11: Decrement by 0.5 dB for each update
3-0
RESERVED
R/W
0000
This bit is reserved
7.6.1.18 AUTO_MUTE_CTRL Register (Offset = 50h) [reset = 0x07]
AUTO_MUTE_CTRL is shown in Figure 7-30 and described in Table 7-26.
Return to Table 7-7.
Figure 7-30. AUTO_MUTE_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
REG_AUTO_MUTE_CTRL
R/W
R/W
Table 7-26. AUTO_MUTE_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-3
RESERVED
R/W
00000
This bit is reserved
2
REG_AUTO_MUTE_CTR
L
R/W
1
0: Auto mute left channel and right channel independently.
1: Auto mute left and right channels only when both channels are
about to be auto muted.
1
1
0: Disable right channel auto mute
1: Enable right channel auto mute
0
1
0: Disable left channel auto mute
1: Enable left channel auto mute
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
52
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com