Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4986C-XTS-M47 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE4986C-XTS-M47
Description  an active Hall sensor ideally suited for camshaft applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4986C-XTS-M47 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE4986C-XTS-M47 Datasheet HTML 19Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 20Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 21Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 22Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 23Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 24Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 25Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 26Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
TLE4986C-XTS-M47
Programmable True Power On Sensor
Electrical and Magnetic Characteristic
Data Sheet
23
Revision 1.1, 2014-11-07
Power on time
ton
0.56
1
ms
Programmed device.
Time to achieve specified
BTPO- accuracy. During
this time the output is
locked
1.1
1.6
2.1
Pre-programmed device
(as delivered by IFX to
customer). During this
time the output is locked
to high
2.2
3.4
4.6
Device with EEPROM
failure. During this time
the output is locked to
high. After this time the
output will be locked to
low
Delay time of output to magnetic
edge
td
10
17
24
μs
Temperature drift of delay time of
output to magnetic edge
td
-3.6
3.6
μs
Not additional to td
Clock frequency of digital part
fclk
-6
-MHz
Clock frequency used by the
chopper
fchopper
-375
-kHz
Slope of magnetic edge
∆B/∆t-
2
mT
/μs Magnetic signal edge is
not allowed to rise faster
(otherwise tracking ADC
is not able to follow)
Full scale range of the offset-DAC FSRODAC
141
189
237
mT
Typ. BODAC_0 = -35 mT
Typ. BODAC_2047 = 155 mT
Full scale range of the offset-DAC FSRODACtyp 163
189
223
mT
Tj = 25°C
Resolution of programmable
threshold in TPO mode
BTPO_res
–0.092
–mT
Drift of BTPO-point2)
∆BTPO
-2.11
2,36
mT
BTPO = 44 mT
Hysteresis Option 1
BHys
0.4
0.9
1.3
mT
Half Hysteresis Option 1
BHys/2
0.2
0.45
0.9
mT
Hysteresis Option 2
BHys
2.5
4
5.1
mT
Half Hysteresis Option 2
BHys/2
1.2
2
3.6
mT
Adaptive Hysteresis Option 1
BHys/2
12.5
%
Minimum level: 0.4 mT,
percentage of peak to
peak amplitude
Adaptive Hysteresis Option 2
BHys/2
12.5
%
Minimum level: 2.5 mT,
percentage of peak to
peak amplitude
Table 7
Electrical and Magnetic Parameters
(cont’d)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com