Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4986C-XTS-M47 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4986C-XTS-M47
Description  an active Hall sensor ideally suited for camshaft applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4986C-XTS-M47 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4986C-XTS-M47 Datasheet HTML 11Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 12Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 13Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 14Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 15Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 16Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 17Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 18Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
TLE4986C-XTS-M47
Programmable True Power On Sensor
General
Data Sheet
15
Revision 1.1, 2014-11-07
Figure 5
Hidden Hysteresis
The second form of hysteresis is called hidden hysteresis. This means, that the hysteresis cannot be observed
from outside. If the value of the switching level does not change, the output always switches at the same level.
However, inside the IC there are two distinct levels close above and below the switching level, which are used to
arm the output. This level can be programmed by having 2 options (for details see magnetic parameters). Hence,
if the value of the magnetic field crosses the lower of these hysteresis levels, then the output will be able to switch
if the field crosses the switching level. After this switching event the output is disabled until the value of the
magnetic field crosses one of the two hysteresis levels. If it crosses the upper hysteresis level, then the output is
armed again and can switch if the magnetic field crosses the switching level. On the other hand, if the magnetic
field does not reach the upper hysteresis level, but the lower hysteresis level is crossed again after a switching
event, then the output is allowed to switch, so that no tooth is lost. However, this causes an additional phase error.
For more details see Figure 5.
Hidden_Hysteresis.vsd
t
B
B
Boff
Bon
Bcal
Bhys/2
t
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com