Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4986C-XTS-M47 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE4986C-XTS-M47
Description  an active Hall sensor ideally suited for camshaft applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4986C-XTS-M47 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE4986C-XTS-M47 Datasheet HTML 21Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 22Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 23Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 24Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 25Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 26Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 27Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 28Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
TLE4986C-XTS-M47
Programmable True Power On Sensor
Electromagnetic Compatibility
Data Sheet
25
Revision 1.1, 2014-11-07
5
Electromagnetic Compatibility
(values depend on RSERIES!)
Ref: ISO 7637-2; 2nd edition 06/2004; test circuit 1 (See Figure 11); conducted on supply line;
∆B =10 mT (amplitude sinus signal), VS = 13.5 V, fB = 100 Hz, T = 25°C, RSERIES ≥ 100 Ω.
Ref: ISO 7637-3; 1st edition 11/1995; test circuit 1 (See Figure 11); coupling clamp;
∆B =10 mT (amplitude sinus signal), VS = 13.5 V ± 0.5 V, fB = 100 Hz, T = 25°C, RSERIES ≥ 100 Ω.
Table 9
ISO 7637-2
Parameter
Symbol
Level/Type
Status
Testpulse 1
VEMC
IV / -100 V
C
Testpulse 2a
IV / 100 V
A
Testpulse 2b
IV / 10 V
C
Testpulse 3a
IV / -150 V
A1)
1) Output signal overlaid by burst pulse
Testpulse 3b
IV / 100 V
A1)
Testpulse 4
IV / -7 V
A
Testpulse 5a
IV / 86.5 V
C
Testpulse 5b
IV / 86.5 V
A2)
2) Suppressed Vs* = 35 V
Table 10
ISO 7637-3
Parameter
Symbol
Level / Type
Status
Testpulse 3a
VEMC
IV / -300 V
A1)
1) Output signal overlaid by burst pulse
Testpulse 3b
IV / 300 V
A1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com