Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4986C-XTS-M47 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4986C-XTS-M47
Description  an active Hall sensor ideally suited for camshaft applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4986C-XTS-M47 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4986C-XTS-M47 Datasheet HTML 17Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 18Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 19Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 20Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 21Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 22Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 23Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 24Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TLE4986C-XTS-M47
Programmable True Power On Sensor
General Characteristics
Data Sheet
21
Revision 1.1, 2014-11-07
3.2.1
Temperature Coefficient
Figure 10
Temperature Coefficient of TPO Switching Point
Table 6
Temperature Coefficients
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Programmable temperature coefficient
of BTPO
TCBTPO
-1400
-200
ppm/K Range to compensate
TCmagnet, typical -
600 ppm/K
Deviation to programmed temperature
coefficient of BTPO
TCBTPO -300
300
ppm/K TC deviation
-40°C to 150°C1)
1) ±300 ppm/K (±1.95%) @ -40°C guaranteed by design referred to second order TCBTPO compensation.Furthermore this
compensation comprises the adjustment to second order effect of magnet
-1.95
1.95
%
TC deviation at -40°C1)
-3.75
3.75
%
TC deviation at 150°C
See Figure 10
TC_Deviation.vsd
-40°C
25°C
Temperature [°C]
150°C
Target value
@150°C: -7.5%
(→ -600ppm/K)
TC deviation
Target value
@ -40°C
Test limits
+3.75%
-3.75%
Higher limit
@ -40°C = +1.95%
Lower limit
@ -40°C = -1.95%
Lower limit @ 150°C:
-7.5% - 3.75% = -11.25%
Higher limit @ 150°C:
-7.5% + 3.75% = -3.75%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com