Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4986C-XTS-M47 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE4986C-XTS-M47
Description  an active Hall sensor ideally suited for camshaft applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4986C-XTS-M47 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE4986C-XTS-M47 Datasheet HTML 27Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 28Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 29Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 30Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 31Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 32Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 33Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 34Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
TLE4986C-XTS-M47
Programmable True Power On Sensor
EEPROM Description
Data Sheet
31
Revision 1.1, 2014-11-07
Table 13
EEPROM address 0x01
15
14
13
12
11
10
987
6543
210
FUNC
INV
NTS
AVG
_EN
EXT
FILT
_EN
HYS ADH
YS_
EN
UPD
FILT
_EN
ADS
TP_E
N
FAS
T_E
N
LOC
K
Table 14
Functional Description
Field
Bit
Type
Description
FUNC
15:14
rw
00B: pre-programmed device
01B: adaptive individual switching threshold (IST, see Chapter 8.6)
10B: non-adaptive threshold
11B: adaptive threshold
INV
13
rw
1B: sets inverted output polarity
NTS
bit 12:10 not used
with FUNC=01B
12:8
rw
Number of maxima between two ODAC corrections in calibrated phase
when AVG_EN=1B (number of teeth, length of calibration window).
Number of output transitions between two ODAC corrections in calibrated
phase when AVG_EN=0B. It influences the number of output transitions
to be considered in pre-calibrated phase
00000B: 1 maxima/2 transitions
00001B: 2 maxima/4 transitions
00010B: 3 maxima/6 transitions
00011B: 4 maxima/8 transitions
...
11111B: 32maxima/ 64 transitions
AVG_EN
n.a. for
FUNC=00B
FUNC=01B
FUNC=10B
7
rw
Set to “1” enables averaging algorithm (see Chapter 8.1)
EXTFILT_EN
n.a. for
FUNC=00B
FUNC=01B
FUNC=10B
6
rw
Set to “1” enables extrema filtering algorithm (see Chapter 8.2)
HYS
5
rw
Setting of fixed hysteresis level (ADHYS_EN = 0B) or minimum hysteresis
level (ADHYS_EN = 1B) for programmed device
0B: BHys_typ=0.9mT (hysteresis option 1)
1B: BHys_typ=4mT (hysteresis option 2)
ADHYS_EN
4
rw
1B: adaptive hysteresis, full hysteresis value is 25% of the peak-to-peak
magnetic signal, minimum value given by setting of HYS bit
0B: fixed hysteresis
UPDFILT_EN
n.a. for
FUNC=00B
FUNC=01B
FUNC=10B
3
rw
Set to “1” enables update filtering (see Chapter 8.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com