Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4986C-XTS-M47 Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE4986C-XTS-M47
Description  an active Hall sensor ideally suited for camshaft applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4986C-XTS-M47 Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE4986C-XTS-M47 Datasheet HTML 28Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 29Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 30Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 31Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 32Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 33Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 34Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 35Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 36Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
TLE4986C-XTS-M47
Programmable True Power On Sensor
EEPROM Description
Data Sheet
35
Revision 1.1, 2014-11-07
In pre-calibration sub-phase2 the IC performs corrections for all the individual teeth and a k-factor as set in KFACT
is used for computing the ODAC value. The duration of sub-phase 2 is given by a minimum of NTS+1 detected
maxima. During this sub-phase the ODAC is allowed for high updates in order to adapt from a KCAL regulation
target to a KFACT regulation target. While the IC calculates and updates the threshold based on found pairs of
min / max values, the internal offset update algorithm also checks the magnetic edge, which means that positive
ODAC updates are released only at magnetic falling edges and negative ODAC updates only on magnetic rising
edges (update rule).
After reaching the calibrated phase a calibration window lasts a number of detected maxima equal to the number
of teeth (NTS+1) and the individual (delta) threshold register update is performed individually for each maximum
accordingly. If the direction of the individual threshold update is constant within the last 4 decisions, considering
also the current one, than for the considered maximum the update is performed with 1 LSB in the corresponding
direction. For ODAC updates the filtering is performed as described in Table 17, row AVG_EN = 1B; UPDFILT_EN
= 1B; ADSTP_EN = 0B independently of the actual settings of these EEPROM bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com