Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4986C-XTS-M47 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE4986C-XTS-M47
Description  an active Hall sensor ideally suited for camshaft applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4986C-XTS-M47 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE4986C-XTS-M47 Datasheet HTML 22Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 23Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 24Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 25Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 26Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 27Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 28Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 29Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
TLE4986C-XTS-M47
Programmable True Power On Sensor
Application Circuit
Data Sheet
26
Revision 1.1, 2014-11-07
6
Application Circuit
The device has two capacitors C1 and C2 already integrated on the lead frame (47nF/4.7nF). These capacitors
increase the EMC robustness of the device. It is further recommended to use a serial resistor RSERIES of 100Ω for
protection on the supply line. A pull-up resistor RLOAD is mandatory on the output pin and determines the maximum
current flowing through the output transistor. A value of 1.2k
Ω is recommended. (see Figure 11)
Figure 11
Typical Application Circuit
RSERIES
100 Ω
VSAC
VS
GND
Out
C2INT‐PACKAGE
4.7 nF
RLOAD
1.2 kΩ
VS Out
IOut
Vout
C1INT‐PACKAGE
47 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com