Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4986C-XTS-M47 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4986C-XTS-M47
Description  an active Hall sensor ideally suited for camshaft applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4986C-XTS-M47 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4986C-XTS-M47 Datasheet HTML 5Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 6Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 7Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 8Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 9Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 10Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 11Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 12Page - Infineon Technologies AG TLE4986C-XTS-M47 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TLE4986C-XTS-M47
Programmable True Power On Sensor
General
Data Sheet
9
Revision 1.1, 2014-11-07
2.2
Definition of the Magnetic Field
The magnetic field of a permanent magnet exits from the north pole and enters the south pole. If a north pole is
attached to the backside of the TLE4986C, the field at the sensor position is positive, as shown in Figure 2.
Figure 2
Definition of the Positive Magnetic Field Direction
2.3
Functional Description
The basic operation of the TLE4986C is to map a „large” positive magnetic field (tooth) into a “low” electrical output
signal and to map a „weak” positive magnetic field (notch) into a “high” electrical output. Optionally the other output
polarity can be chosen by programming the EEPROM. A magnetic field is considered as positive if the North Pole
of a magnet shows towards the rear side of the IC housing. Since backbias-reduced magnetic configurations still
show significant flux densities in one distinct direction the circuit is optimized for one flux direction in order to
provide an optimal signal to noise behavior.
For understanding the operation of the TLE4986C three different phases have to be considered:
Initial operation after power up. This phase will be referred to as „initial phase“.
Operation following the initialisation before having full information about the target wheel. This phase will be
referred to as “precalibrated phase”.
Normal operation with running target wheel. This phase will be referred to as „calibrated phase“.
S
N
Hallprobe
Front side
TLE 4986
( branded)
1
2
3
Vs
G nd VOUT
Front side
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com