Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 20Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 21Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 22Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 23Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 24Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 25Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 26Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 27Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD9444
Rev. 0 | Page 24 of 40
Table 10. Digital Output Coding
Code
VIN+ − VIN−
Input Span = 2 V p-p (V)
VIN+ − VIN−
Input Span = 1 V p-p (V)
Digital Output
Offset Binary (D9••••••D0)
Digital Output
Twos Complement (D9••••••D0)
16383
1.000
0.500
11 1111 1111 1111
01 1111 1111 1111
8192
0
0
10 0000 0000 0000
00 0000 0000 0000
8191
−0.000122
−0.000061
01 1111 1111 1111
11 1111 1111 1111
0
−1.00
−0.5000
00 0000 0000 0000
10 0000 0000 0000
EVALUATION BOARD
Evaluation boards are offered to configure the AD9444 in
either CMOS or LVDS mode. Each represents a recommended
configuration for using the device over a wide range of sample
rates and analog input frequencies. These evaluation boards
provide all the support circuitry required to operate the ADC in
its various modes and configurations. Complete schematics and
layout plots follow and demonstrate the proper routing and
grounding techniques that should be applied at the system level.
It is critical that signal sources with very low phase noise
(< 1 ps rms jitter) be used to realize the ultimate performance
of the converter. Proper filtering of the input signal, to remove
harmonics and lower the integrated noise at the input, is also
necessary to achieve the specified noise performance.
The evaluation boards are shipped with an ac to 6 V dc power
supply. The evaluation boards include low dropout regulators to
generate the various dc supplies required by the AD9444 and its
support circuitry. Separate power supplies are provided to iso-
late the DUT from the support circuitry. Each input configura-
tion can be selected by proper connection of various jumpers
(see Figure 47 to Figure 50 and Figure 59 to Figure 61).
Both the LVDS and CMOS versions of the evaluation board are
compatible with the high speed ADC FIFO evaluation kit (part
number HSC-ADC-EVALA-SC). The kit includes a high speed
data capture board that provides a hardware solution for captur-
ing up to 32Ksamples of high speed ADC output data in a FIFO
memory chip (user upgradeable to 256K samples). Software is
provided to enable the user to download the captured data to a
PC via the USB port. This software also includes a behavioral
model of the AD9444 and many other high speed ADCs.
Behavioral modeling of the AD9444 is also available at
www.analog.com/ADIsimADC. The ADIsimADC™ software
supports virtual ADC evaluation using ADI proprietary
behavioral modeling technology. This allows rapid comparison
between the AD9444 and other high speed ADCs, with or
without hardware evaluation boards.
The AD9444 LVDS evaluation board includes an on-board,
LVDS-to-CMOS translator, but the user may choose to remove
the translator and terminations to access the LVDS outputs
directly.
The CMOS evaluation board includes a buffer for the output
data and the DCO output clock of the AD9444.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com