Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 9Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 10Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 11Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 12Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 13Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 14Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 15Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 16Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AD9444
Rev. 0 | Page 13 of 40
Table 8. Pin Function Descriptions—100-Lead TQFP/EP in CMOS Mode
Pin No.
Mnemonic
Description
1, 8 to 9, 16 to 18,
24 to 27, 34 to 35,
38, 41 to 42, 87,
89 to 95, 98
AVDD1
3.3 V (±5%) Analog Supply.
2 to 4, 7,
43 to 46, 49 to 52,
55 to 60, 65
DNC
Do Not Connect. These
pins should float.
5
OUTPUT
MODE
CMOS Compatible Output
Logic Mode Control Pin.
OUTPUT MODE = 0 for CMOS
mode, and OUTPUT MODE =
1 (AVDD1) for LVDS outputs.
6
DFS
Data Format Select Pin.
CMOS control pin that de-
termines the format of the
output data. DFS = high
(AVDD1) for twos comple-
ment, DFS = low (ground) for
offset binary format.
10
SENSE
Reference Mode Selection.
Connect to AGND for internal
1 V reference, and connect to
AVDD2 for external reference.
11
VREF
1.0 V Reference I/O—
Function Dependent on
SENSE. Decouple to ground
with 0.1 µF and 10 µF
capacitors.
12, 15, 20, 23,
32, 86, 88, 96 to
97, 99, Exposed
Heat Sink
AGND
Analog Ground. The exposed
heat sink on the bottom of
the package must be
connected to AGND.
13
REFT
Differential Reference Out-
put. Decoupled to ground
with 0.1 µF capacitor and to
REFB (Pin 14) with 0.1 µF and
10 µF capacitors.
14
REFB
Differential Reference Out-
put. Decoupled to ground
with a 0.1 µF capacitor and to
REFT (Pin 13) with 0.1 µF and
10 µF capacitors.
19, 28 to 31,
39 to 40
AVDD2
5.0 V Analog Supply (±5%).
21
VIN+
Analog Input—True.
22
VIN−
Analog Input—Complement.
Pin No.
Mnemonic
Description
33
C1
Internal Bypass Node.
Connect a 0.1 µF capacitor
from this pin to AGND.
36
CLK+
Clock Input—True.
37
CLK−
Clock Input—Complement.
47, 54, 62,
75, 83
DRVDD
3.3 V Digital Output
Supply (2.5V to 3.6 V).
48, 53, 61,
67, 74, 82
DRGND
Digital Ground.
63
DCO−
Data Clock Output—
Complement (CMOS Levels).
64
DCO+
Data Clock Output—
True.
66
D0 (LSB)
D0 Output Bit (LSB)
(CMOS Levels).
68
D1
D1 Output Bit.
69
D2
D2 Output Bit.
70
D3
D3 Output Bit.
71
D4
D4 Output Bit.
72
D5
D5 Output Bit.
73
D6
D6 Output Bit.
76
D7
D7 Output Bit.
77
D8
D8 Output Bit.
78
D9
D9 Output Bit.
79
D10
D10 Output Bit.
80
D11
D11 Output Bit.
81
D12
D12 Output Bit.
84
D13 (MSB)
D13 Output Bit.
85
OR
Out-of-Range Output.
100
DCS MODE
Clock Duty Cycle Stabilizer
(DCS) Control Pin, CMOS-
Compatible. DCS = low
(AGND) to enable DCS
(recommended). DCS =
high (AVDD1) to disable DCS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com