Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 3 Page - Analog Devices

  AD9444-CMOS/PCB Datasheet HTML 1Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 2Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 3Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 4Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 5Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 6Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 7Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 8Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD9444
Rev. 0 | Page 3 of 40
DC SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, LVDS mode, sample rate = 80 MSPS, 2 V p-p differential input, internal trimmed
reference (1.0 V mode), AIN = −0.5 dBFS, DCS on, unless otherwise noted.
Table 1.
AD9444BSVZ-80
Parameter
Temp
Test Level
Min
Typ
Max
Unit
RESOLUTION
Full
VI
14
Bits
ACCURACY
No Missing Codes
Full
VI
Guaranteed
Offset Error
Full
VI
6
±0.3
6
mV
Gain Error1
Full
VI
−3.0
±0.4
+3.0
% FSR
Differential Nonlinearity (DNL)2
Full
VI
−0.8
±0.4
+0.8
LSB
Integral Nonlinearity (INL)2
25°C
I
−1.3
±0.6
+1.3
LSB
Full
VI
−1.7
+1.7
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
12
µV/°C
Gain Error
Full
V
0.002
%FS/°C
VOLTAGE REFERENCE
Output Voltage1
Full
VI
0.87
1.0
1.13
V
Load Regulation @ 1.0 mA
Full
V
±2
mV
Reference Input Current (External 1.0 V Reference)
Full
VI
80
125
µA
INPUT REFERRED NOISE
25°C
V
1.0
LSB rms
ANALOG INPUT
Input Span
Full
V
2
V p-p
Input Common-Mode Voltage
Full
V
3.5
V
Input Resistance3
Full
V
1
kΩ
Input Capacitance3
Full
V
2.5
pF
POWER SUPPLIES
Supply Voltage
AVDD1
Full
IV
3.14
3.3
3.46
V
AVDD2
Full
IV
4.75
5.0
5.25
V
DRVDD—LVDS Outputs
Full
IV
3.0
3.6
V
DRVDD—CMOS Outputs
Full
IV
3.0
3.3
3.6
V
Supply Current
AVDD1
Full
VI
217
240
mA
AVDD22
Full
VI
71
80
mA
IDRVDD2—LVDS Outputs
Full
VI
55
62
mA
IDRVDD2—CMOS Outputs
Full
V
12
mA
PSRR
Offset
Full
V
1
mV/V
Gain
Full
V
0.2
%/V
POWER CONSUMPTION
DC Input—LVDS Outputs
Full
VI
1.21
1.4
W
DC Input—CMOS Outputs
Full
V
1.07
W
Sine Wave Input2—LVDS Outputs
Full
VI
1.25
W
Sine Wave Input2—CMOS Outputs
Full
V
1.11
W
1 The internal voltage reference is trimmed at final test to minimize the gain error of the AD9444.
2 Measured at the maximum clock rate, fIN = 15 MHz, full-scale sine wave, with a 100 Ω differential termination on each pair of output bits for LVDS output mode and
approximately 5 pF loading on each output bit for CMOS output mode.
3 Input capacitance or resistance refers to the effective impedance between one differential input pin and AGND. Refer to
for the equivalent analog input
structure.
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com