Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 34 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 30Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 31Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 32Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 33Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 34Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 35Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 36Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 37Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD9444
Rev. 0 | Page 34 of 40
P1
P3
P5
P7
P9
P11
P13
P15
P17
P19
P21
P23
P25
P27
P29
P31
P33
P35
P37
P39
P2
P4
P6
P8
P10
P12
P14
P16
P18
P20
P22
P24
P26
P28
P30
P32
P34
P36
P38
P40
P3
C40MS
GND
PWR
U4
74VCX86
+
RSO16ISO
220
R8
R7
R6
R5
R4
R3
R1
R2
8
7
6
5
4
3
1
2
16
15
14
13
12
11
10
9
RZ4
8
7
6
5
4
3
1
2
16
15
14
13
12
11
10
9
RZ5
7
14
11
8
6
3
U10
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
D13M
D11M
D9M
D7M
D6M
D5M
D2M
D1M
D0M
D3M
D4M
D8M
D10M
D12M
ORM
DRM
D0M
D1M
D3M
D4M
D5M
D6M
D2M
GND
GND
GND
GND
D7M
D8M
D9M
D10M
D11M
D12M
D13M
ORM
E30
E32
E31
VDL
GND
U5
SN74LVCH16373A
R8
R7
R6
R5
R4
R3
R1
R2
4Y
3Y
2Y
1Y
1
2
4
5
9
10
12
13
1A
1B
2A
2B
3A
3B
4A
4B
C66
10
µF
C25
0.1
µF
C41
0.1
µF
C24
0.1
µF
VDL
GND
GND
00
R16
XORZIN
GATE2
00
R42
GND
VDL
DRM
RSO16ISO
220
R8
R7
R6
R5
R4
R3
R1
R2
RSO16ISO
8
7
6
5
4
3
1
2
16
15
14
13
12
11
10
9
RZ4
8
7
6
5
4
3
1
2
16
15
14
13
12
11
10
9
RZ1
R8
R7
R6
R5
R4
R3
R1
R2
220
RZ2
D7T/D0Y
D8C/D1Y
D8T/D2Y
D9C/D3Y
D9T/D4Y
D10C/D5Y
D10T/D6Y
D11C/D7Y
D11T/D8Y
D12C/D9Y
D12T/D10Y
D13C/D11Y
D13T/D12Y
DORC/D13Y
DORT/DORY
XOR2IN
47
46
44
43
41
40
38
37
36
35
33
32
30
29
27
26
45
39
34
28
48
25
42
31
2
3
5
6
8
9
11
12
13
14
16
17
19
20
22
23
4
10
15
21
7
18
1
24
1D1
1D2
1D3
1D4
1D5
1D6
1D7
1D8
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
2Q8
GND
LE1
LE2
VCC
OE1
OE2
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
Q = OUTPUT
D = INPUT
GND
VDL
GND
GND
GND
XOR2IN
VDL
GND
GND
VDL
GND
GND
VDL
GND
GND
RSO16ISO
220
RZ5
00
R14
DRM
00
R41
GATE
C68
0.1
µF
C67
0.1
µF
63
0.01
µF
E45
E49
E42
VDL
GND
00
R50
NOT PLACED
COUTB
COUT
Figure 61. CMOS Mode Evaluation Board Schematic (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com