Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 18 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 14Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 15Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 16Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 17Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 18Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 19Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 20Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 21Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AD9444
Rev. 0 | Page 18 of 40
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
7.68
15.36
23.04
30.72
FREQUENCY (MHz)
61.44MSPS
TOTAL INPUT SIGNAL
POWER: –30dBFS
Figure 30. 64K FFT, 61.44 MSPS, 4 @ WCDMA, IF = 46.08 MHz
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
NPR: 63.1dB
Figure 31. NPR, 80 MSPS/18 MHz Notch
70
75
80
85
90
95
100
105
20
30
40
50
60
70
80
CLOCK DUTY CYCLE (%)
SFDR - DCS OFF (dBFS)
SFDR - DCS ON (dBFS)
SNR - DCS OFF (dB)
SNR - DCS ON (dB)
Figure 32. Single-Tone SNR/SFDR vs. Clock Duty Cycle,
FSAMPLE = 80 MSPS, 10.3 MHz @ −0.5 dBFS
0
2000
4000
6000
8000
10000
12000
8179
8180
8181
8182
8183
8184
8185
8186
8187
BIN
Figure 33. Ground Input Histogram
80 MSPS, VIN+ = VIN−, 32K Samples
50
70
90
110
130
150
170
190
210
230
250
20
30
40
50
60
70
80
90
100
110
120
130
SAMPLE RATE (MSPS)
AVDD1 (3.3V)
AVDD2 (5.0V)
DRVDD (3.3V)
Figure 34. ISUPPLY vs. Sample Rate, AIN = 10.3 MHz @ −0.5 dBFS
60
65
70
75
80
85
90
95
100
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
VIN COMMON-MODE (V)
SFDR (dBc)
SNR (dB)
Figure 35. Single-Tone SNR/SFDR vs.
VIN Common-Mode Voltage 80 MSPS/10.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com