Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 33 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 29Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 30Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 31Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 32Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 33Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 34Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 35Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 36Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
AD9444
Rev. 0 | Page 33 of 40
IN
OUT
OUT1
3.3V
C1
10
µF
C57
10
µF
3
4
2
1
ADP3338
U8
GND
+
+
IN
OUT
OUT1
3.3V
C34
10
µF
C88
10
µF
3
4
2
1
ADP3338
U3
GND
+
+
IN
OUT
OUT1
3.3V
C6
10
µF
C87
10
µF
3
4
2
1
ADP3338
U15
GND
+
+
IN
OUT
OUT1
5V
C4
10
µF
C89
10
µF
3
4
2
1
ADP3338
U14
GND
+
+
PJ-102A
C33
10
µF
1
3
2
P4
+
1
3
2
Figure 60. CMOS Mode Evaluation Board Schematic (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com