Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 2Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 3Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 4Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 5Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 6Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 7Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 8Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 9Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9444
Rev. 0 | Page 6 of 40
SWITCHING SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, unless otherwise noted.
Table 4.
AD9444BSVZ-80
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Maximum Conversion Rate
Full
VI
80
MSPS
Minimum Conversion Rate
Full
V
10
MSPS
CLK Period
Full
V
12.5
ns
CLK Pulse Width High1 (tCLKH)
Full
V
4
ns
CLK Pulse Width Low1 (tCLKL)
Full
V
4
ns
DATA OUTPUT PARAMETERS
Output Propagation Delay—CMOS (tPD)2 (DX, DCO+)
Full
IV
3
5.25
8
ns
Output Propagation Delay—LVDS (tPD)3 (DX+, DCO+)
Full
VI
3
5
7.5
ns
Pipeline Delay (Latency)
Full
V
12
Cycles
Aperture Delay (tA)
Full
V
ns
Aperture Uncertainty (Jitter, tJ)
Full
V
0.2
ps rms
1 With duty cycle stabilizer (DCS) enabled.
2 Output propagation delay is measured from clock 50% transition to data 50% transition, with 5 pF load.
3 LVDS RTERM = 100 Ω. Measured from the 50% point of the rising edge of CLK+ to the 50% point of the data transition.
N–12
N–11
N
N+1
AIN
CLK+
CLK–
DATA OUT
DCO+
DCO–
N
N+1
N–1
t
CLKH
t
CLKL
1/
fS
t
PD
12 CLOCK CYCLES
t
CPD
Figure 2. LVDS Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com