Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 12Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 13Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 14Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 15Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 16Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 17Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 18Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 19Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD9444
Rev. 0 | Page 16 of 40
65
66
67
68
69
70
71
72
73
74
75
0
20
40
60
80
100
120
140
160
180
200
ANALOG INPUT FREQUENCY (MHz)
SNR dB @ +85°C
SNR dB @ –40°C
SNR dB @ +25°C
Figure 18. SNR vs. Analog Input Frequency, 80 MSPS/LVDS Mode
70
75
80
85
90
95
105
0
20
40
60
80
100
120
140
160
180
200
ANALOG INPUT FREQUENCY (MHz)
SFDR dBc @ +85°C
SFDR dBc @ +25°C
100
SFDR dBc @ –40°C
Figure 19. SFDR vs. Analog Input Frequency, 80 MSPS/LVDS Mode
10
20
30
40
50
60
70
80
90
100
110
120
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT AMPLITUDE (dBc)
THIRD –dBFS
SECOND –dBFS
SFDR –dBFS
THIRD –dBc
SECOND –dBc
SFDR –dBFS
Figure 20. Single-Tone SFDR/Second/Third vs.
Analog Input Level, 80 MSPS, AIN = 30.3 MHz
65
66
67
68
69
70
71
72
73
74
75
0
20
40
60
80
100
120
140
160
180
200
ANALOG INPUT FREQUENCY (MHz)
SNR dB @ +85°C
SNR dB @ –40°C
SNR dB @ +25°C
Figure 21. SNR vs. Analog Input Frequency, 80 MSPS/CMOS Mode
0
20
40
60
80
100
120
140
160
180
200
ANALOG INPUT FREQUENCY (MHz)
SFDR dBc @ +25°C
SFDR dBc @ –40°C
SFDR dBc @ +85°C
70
75
80
85
90
95
100
105
Figure 22. SFDR vs. Analog Input Frequency, 80 MSPS/CMOS Mode
10
20
30
40
50
60
70
80
90
100
110
120
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT AMPLITUDE (dBc)
THIRD –dBFS
SECOND –dBFS
SFDR –dBFS
THIRD –dBc
SECOND –dBc
SFDR –dBFS
Figure 23. Single-Tone SFDR/Second/Third vs.
Analog Input Level 80 MSPS, AIN = 70.30 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com