Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47C101 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TMP47C101
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C101 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TMP47C101 Datasheet HTML 6Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 7Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 8Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 9Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 10Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 11Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 12Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 13Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10/32
TOSHIBA CORPORATION
TMP47C101/201
(5)
Zero-page
The 16 words (at addresses 00H through 0FH) of the
zero page of the data memory can be used as the user
flags or pointers by using zero-page addressing mode
instructions (comparison, addition, transfer, and bit
manipulation), providing enhanced efficiency in pro-
gramming.
Example: To write immediate data “8” to address 09H if
bit 2 at address 04H in the RAM is “1”.
TEST 04H,2
;
Skips if bit 2 at address 04H in
the RAM is “0”.
B
SKIP
ST
#8, 09H ;
Writes “8” to address 09H in the
RAM
SKIP:
2.4.2 Data Memory Capacity
Figure 2-10. Data Memory Capacity and Address Assignment
When power-on is performed, the contents of the RAM
become unpredictable, so that they must be initialized by the
initialization routine.
Example: To clear RAM (use common to the 47C101 and
47C201)
LD
HL, #00H
; HL
←00H
SCLRRAM:
ST
#0, @HL+
; RAM [HL]
←0, LR
LR + 1
B
SCLRRAM
ADD H, #1
; HR
←HR + 1
B
SCLRRAM
2.5 ALU and Accumulator
2.5.1 Arithmetic/Logic Unit (ALU)
The ALU performs the arithmetic and logic operations speci-
fied by instructions on 4-bit binary data and outputs the result
of the operation, the carry information(C), and the zero detect
information (z).
(1)
Carry information (C)
The carry information indicates a carry-out from the
most significant bit in an addition. A subtraction is per-
formed as addition of two’s complement, so that, with
a subtraction, the carry information indicates that there
is no borrow to the most significant bit. With a rotate
instruction, the information indicates the data to be
shifted out from the accumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com