Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47C101 Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TMP47C101
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C101 Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TMP47C101 Datasheet HTML 12Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 13Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 14Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 15Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 16Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 17Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 18Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 19Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16/32
TOSHIBA CORPORATION
TMP47C101/201
The warm-up time is obtained by dividing the basic
clock by the interval timer, so that, if the frequency at
releasing the hold operation is unstable, the warm-up
time shown in Figure 2-18. includes an error. There-
fore, the warm-up time must be handled as an approx-
imate value. The hold operation is also released by
setting the RESET pin to the low level. In this case, the
normal reset operation follows immediately.
Note:
To release the hold operation at a low hold voltage, the following
points must be considered:
When the power voltage rises from the hold voltage to the operat-
ing voltage, the RESET pin input is also at the high level and its
voltage rises with the power voltage.
In this case, if a time-constant circuit or the like is
externally attached, the voltage rise of the RESET pin
input occurs after the power voltage rise. If the voltage
level of the RESET pin input gets under the non-
inverted high input voltage of the RESET pin input (the
hysteresis input), a reset operation may happen.
2.8 Interrupt Function
2.8.1 Interrupt Controller
There are 5 interrupt sources (2 external and 3 internal). The
prioritized multiple interrupt capability is supported. The inter-
rupt latches (IL5 through IL0) to hold interrupt requests are pro-
vided for the interrupt sources. Each interrupt latch is set to “1”
when an interrupt request is made, asking the CPU to accept
the interrupt. The acceptance of interrupt can be permitted or
prohibited by program through the interrupt enable master flip-
flop (EIF) and interrupt enable register (EIR). When two or more
interrupts occur simultaneously, the one with the highest prior-
ity determined by hardware is serviced first.
Table 2-2. Interrupt Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com