Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47C101 Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TMP47C101
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C101 Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TMP47C101 Datasheet HTML 22Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 23Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 24Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 25Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 26Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 27Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 28Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 29Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26/32
TOSHIBA CORPORATION
TMP47C101/201
Example: To generate an overflow interrupt (at fc =
4MHz) by the TC1 after 100ms.
LD
HL, #0F4H
;
TC1
←E79
H (set-
ting of the count
register)
ST
#9, @HL+
ST
#7, @HL+
ST
#0EH, @HL+
LD
A, #1000B
:
OP1C
←1000
B
OUT
A, %OP1C
LD
A, #0100B
;
EIR
←0100
B
(enables interrupt)
A
EIR
EICLR IL, 110111B ;
EIF
←1, IL
3←0
Calculating the preset value of the count register
The preset value of the count register is obtained from
the following relation
212 - (interrupt setting time) x (internal pulse rate)
For example, to generate an overflow interrupt after
100ms at fc = 4MHz with the internal pulse rate of fc/
210, set the following value to the count register as the
preset value:
212 - (100 x 10-3) x (4 x 106/210) = 3705 = E79H
Table 3-3. Internal Pulse Rate Selection
Internal Pulse Rate
Max. Setting Time
Example: At fc = 4.194304MHz
Internal Pulse Rate
Max. Setting Time
fc/210 [Hz]
222/fc [s]
4096 [Hz]
1 [s]
fc/214
226
256
16
fc/218
230
16
256
fc/222
234
1
4096
(3)
Pulse width measurement mode
In the pulse width measurement mode, the timer/
counter increments with the pulse obtained by sam-
pling the external pins (T2) by the internal pulse. As
shown in Figure 3-11, the timer/counter increments
only while the external pin input is high. The maximum
applied frequency to the external pin input must be
one that is enough for analyzing the count value. Nor-
mally, a frequency sufficiently slower than the internal
pulse rate setting is applied to the external pin.
Figure 3-11. Pulse Width Measurement Mode Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com