Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47C101 Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TMP47C101
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C101 Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TMP47C101 Datasheet HTML 10Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 11Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 12Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 13Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 14Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 15Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 16Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 17Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14/32
TOSHIBA CORPORATION
TMP47C101/201
2.7.4 Hold Operating Mode
The hold feature stops the system and holds the system’s
internal states active before stop with a low power. The hold
operation is controlled by the command register (OP10) and
the HOLD pin input. The HOLD pin input state can be known
by the status register (IPOE). The HOLD pin is wired with the
R82 output latch. To use this port for hold operating mode, the
R82 output latch should be set to “1”.
(1)
Starts Hold Operating Mode
The hold operating mode consists of the level-sensitive
release mode and the edge-sensitive release mode.
The hold operation is started when the command is
set to the command register and holds the following
states during the hold operation:
Œ The oscillator stops and the system’s internal opera-
tions are all held up.
 The timing generator is cleared to “0”.
Ž The states of the data memory, registers, and latches
valid immediately before the system is put in the hold
state are all held.
 The program counter holds the address of the in-
struction to be executed after the instruction ([OUT A,
%OP10] or [OUT @HL, %OP10]) which starts the
hold operating mode.
Figure 2-18. Hold Operating Mode Command Register/Status Register
a. Level-sensitive release (back-up) mode
In this mode, the hold operation is released by setting
the HOLD pin to the high level. This mode is used for
the capacitor backup with power off or for the battery
backup for long hours.
If the instruction to start the hold operation is executed
with the HOLD pin input being high, the hold operation
does not start but the release sequence (warm-up)
starts immediately. Therefore, to start the hold opera-
tion in the level-sensitive release mode, that the HOLD
pin input being low (the hold operation request) must
be recognized in program. This recognition is per-
formed in one of the two ways below:
Œ Testing HOLD (bit 0 of the status register)
 Generating the external interrupt 1 request.
Example: To test HOLD to start the hold operation in
the level-sensitive release mode (the warm-
up time = 214/fc).
SHOLDH:
TEST
%IPOE, 0
; Waits until
HOLD pin input
goes low.
B
SHOLDH
LD
A, #1101B
; OP10
←1101
B
OUT
A, %OP10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com