Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47C101 Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TMP47C101
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C101 Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TMP47C101 Datasheet HTML 8Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 9Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 10Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 11Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 12Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 13Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 14Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 15Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12/32
TOSHIBA CORPORATION
TMP47C101/201
(4)
General flag (GF)
This is a 1-bit general-purpose flag which can be set,
cleared, or tested by program.
Example:
When the following instruction are exe-
cuted with the accumulator, H register, L
register, data memory (address 07H), and
carry flag being set to “CH”, “0”, “7”, “5”,
and “1” respectively, the contents of the
accumulator and flags become as follows:
2.7. System Controller
Figure 2-14. Clock Generator and Timing Generator
2.7.1 Clock Generator
The clock generator provides the basic clock pulse (CP) by
which the system clock to be supplied to the CPU and the
peripheral hardware is produced. The CP can be easily
obtained by connecting the resonator to the XIN and XOUT
pins. (RC oscillation is also possible, depending on the mask
option) The clock from the external oscillator is also available.
In the hold operating mode, the clock generator stops oscillat-
ing.
Figure 2-15. Examples of Oscillator Connection
Note: Accurate adjustment of the oscillation frequency.
Although the hardware to externally and directly monitor the CP is
not provided, the oscillation frequency can be adjusted by making
the program to output the pulse with a fixed frequency to the port
with the all interrupts disabled and timer/counters stopped and mon-
itoring this pulse. With a system requiring the oscillation frequency
adjustment the adjusting program must be created beforehand.
Example: To output the oscillation frequency adjusting moni-
tor pulse to port R40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com