Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47C101 Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TMP47C101
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C101 Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TMP47C101 Datasheet HTML 16Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 17Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 18Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 19Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 20Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 21Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 22Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 23Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20/32
TOSHIBA CORPORATION
TMP47C101/201
3. Peripheral Hardware Function
3.1 Ports
The data transfer with the external circuit and the command/
status/data transfer with the internal circuit are performed by
using the I/O instructions (13 kinds). There are 4 types of ports:
Œ I/O port
;
Data transfer with external cir-
cuit
 Command register ;
Control of internal circuit
Ž Status register
;
Reading the status signal from
internal circuit
 Data register
;
Data transfer with internal cir-
cuit
These ports are assigned with port addresses (00H
through IFH). Each port is selected by specifying its port ad-
dress in an I/O instruction. Table 3-1 lists the port address as-
signments and the I/O instructions that can access the ports.
3.1.1 I/O Timing
(1)
Input timing
External data is read from an input port or an I/O port
in the S3 state of the second instruction cycle during
the input instruction (2-cycle instruction) execution.
This timing cannot be recognized from the outside, so
that the transient input such as chattering must be
processed by program.
Figure 3-1. Input Timing
(2)
Output timing
Data is output to an output port or an I/O port in the S4
state of the second instruction cycle during the output
instruction (2-cycle instruction) execution.
Figure 3-2. Output Timing
3.1.2 I/O Ports
The 47C101/201 have 4 I/O ports (11 pins) each as follows:
Œ R4, R5
;
4-bit input/output
 R8
;
2-bit input/output (shared with
external interrupt input and
timer/counter input)
Ž KE
;
1-bit sense input (shared with
hold request/release signal in-
put)
Each output port contains a latch, which holds the out-
put data. The input ports have no latch; therefore, it is
desired to hold data externally until it is read or read
twice or more before processing it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com