Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47C101 Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # TMP47C101
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C101 Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button TMP47C101 Datasheet HTML 21Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 22Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 23Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 24Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 25Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 26Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 27Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 28Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
TOSHIBA CORPORATION
25/32
TMP47C101/201
The timer/counter increments at the rising edge of each
count pulse. Counting starts with the first rising edge of the
count pulse generated after the command has been set.
Count operation is performed in one instruction cycle after the
current instruction execution, during which the execution of a
next instruction and the acceptance of an interrupt are de-
layed. If counting is requested by both TC1 and TC2 simulta-
neously, the request by TC1 is preferred. The request by TC2
is accepted in the next instruction cycle. Therefore, during
count operation, the apparent instruction execution speed
drops as counting occurs more frequently.
The timer/counter causes an interrupt upon occurrence of an
overflow (a transition of the count value from FFFH to 000H). If
the timer/counter is in the interrupt enabled state and the over-
flow interrupt is accepted immediately after its occurrence, the
interrupt is processed in the sequence shown in Figure 3-8.
Note that counting continues if there is a count request after
overflow occurrence.
Figure 3-8. Timer/Counter Overflow Interrupt Timing
(1)
Event counter mode
In the event counter mode, the timer/counter incre-
ments at each rising edge of the external pin (T2) input.
The maximum applied frequency of the external pin
input is fc/32. The apparent instruction execution
speed drops most to (1/3) x 100 = 33% when TC2 is
operated at the maximum applied frequency because
the count operation is inserted once every 4 instruction
cycles. For example, the instruction execution speed
of 2
µs drops to 2.66µs
Example: To operate TC2 in the event counter mode.
LD
A, #0100B
; OP1D
←01**
B
OUT
A, %0P1D
Figure 3-9. Event Counter Timing Chart
(2)
Timer mode
In the timer mode, the timer/counter increments at the
rising edge of the internal pulse generated from the
timing generator. One of 4 internal pulse rates can be
selected by the command register. The selected rate
can be initially set to the timer/counter to generate an
overflow interrupt in order to create a desired time
interval.
When an internal pulse rate of fc/210 is used, a count
operation is inserted once every 128 instruction cycles,
so that the apparent instruction execution speed drops
by (1/127) x 100 = 0.8%. For example, the instruction
execution speed of 2
µs drops to 2.016µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com