Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47C101 Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # TMP47C101
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C101 Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button TMP47C101 Datasheet HTML 24Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 25Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 26Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 27Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 28Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 29Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 30Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 31Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 32Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30/32
TOSHIBA CORPORATION
TMP47C101/201
Recommended Oscillating Conditions (VSS = 0V, VDD = 2.7 to 5.5V, Topr = -30 to 70°C)
(1)
6MHz
Ceramic Resonator
CSA6.00MGU (MURATA)
CXIN = CXOUT = 30 pF
KBR-6.00MS (KYOCERA)
CXIN = CXOUT = 30 pF
EFOEC6004A4 (NATIONAL)
CXIN = CXOUT = 30 pF
(2)
4MHz
Ceramic Resonator
CSA4.00MG (MURATA)
CXIN = CXOUT = 30 pF
KBR-4.00MS (KYOCERA)
CXIN = CXOUT = 30 pF
EFOEC4004A4 (NATIONAL)
CXIN = CXOUT = 30 pF
Crystal Oscillator
204B-6F 4.0000 (TOYOCOM) CXIN = CXOUT = 20pF
(3)
400kHz
Ceramic Resonator
CSB400B (MURATA)
CXIN = CXOUT = 220pF, RXOUT = 6.8kΩ
KBR-400B (KYOCERA)
CXIN = CXOUT = 100pF, RXOUT = 10kΩ
EFOA400K04B (NATIONAL) CXIN = CXOUT = 470pF, RXOUT = 0Ω
(4)
RC Oscillation (VSS = 0V, VDD = 5.0V, Topr = 25°C)
2MHz (Typ.)
CXIN = 33pF, RX = 10kΩ
400kHz (Typ.)
CXIN = 100pF, RX = 30kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com