Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010E-12DM Datasheet(PDF) 22 Page - Microchip Technology

Part # AT28C010E-12DM
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010E-12DM Datasheet(HTML) 22 Page - Microchip Technology

Back Button AT28C010E-12DM Datasheet HTML 18Page - Microchip Technology AT28C010E-12DM Datasheet HTML 19Page - Microchip Technology AT28C010E-12DM Datasheet HTML 20Page - Microchip Technology AT28C010E-12DM Datasheet HTML 21Page - Microchip Technology AT28C010E-12DM Datasheet HTML 22Page - Microchip Technology AT28C010E-12DM Datasheet HTML 23Page - Microchip Technology AT28C010E-12DM Datasheet HTML 24Page - Microchip Technology AT28C010E-12DM Datasheet HTML 25Page - Microchip Technology AT28C010E-12DM Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
TITLE
DRAWING NO. REV.
32D6, 32-lead, 0.600" Wide, Non-windowed,
Ceramic Dual Inline Package (Cerdip)
B
32D6
10/23/03
42.70(1.68)
41.70(1.64)
PIN
1
15.50(0.610)
13.00(0.510)
2.49(0.098)MAX
0.127(0.005)MIN
1.52(0.060)
0.38(0.015)
0.58(0.023)
0.36(0.014)
1.65(0.065)
1.14(0.045)
15.70(0.620)
15.00(0.590)
17.80(0.700) MAX
0.381(0.015)
0.203(0.008)
2.54(0.100)BSC
5.08(0.200)
3.18(0.125)
SEATING
PLANE
5.72(0.225)
MAX
38.10(1.500) REF
0º~ 15º REF
Dimensions in Millimeters and (Inches).
Controlling dimension: Inches.
MIL-STD 1835 D-16 Config A
Note: 
For the most current package drawings, please see the Microchip Packaging Specification located at http://
www.microchip.com/packaging.
AT28C010
Packaging Information
© 2020 Microchip Technology Inc.
DS20006311A-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com