Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010E-12DM Datasheet(PDF) 17 Page - Microchip Technology

Part # AT28C010E-12DM
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010E-12DM Datasheet(HTML) 17 Page - Microchip Technology

Back Button AT28C010E-12DM Datasheet HTML 13Page - Microchip Technology AT28C010E-12DM Datasheet HTML 14Page - Microchip Technology AT28C010E-12DM Datasheet HTML 15Page - Microchip Technology AT28C010E-12DM Datasheet HTML 16Page - Microchip Technology AT28C010E-12DM Datasheet HTML 17Page - Microchip Technology AT28C010E-12DM Datasheet HTML 18Page - Microchip Technology AT28C010E-12DM Datasheet HTML 19Page - Microchip Technology AT28C010E-12DM Datasheet HTML 20Page - Microchip Technology AT28C010E-12DM Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
5.13
Software Protected Program Cycle Waveform(1,2,3)
OE
CE
WE
DATA
A0-A6
A7-A16
t
AS
t
AH
t
WP
t
WPH
t
BLC
BYTE ADDRESS
PAGE ADDRESS
BYTE 0
BYTE 126
BYTE 127 t
WC
t
DS
t
DH
Note: 
1.
A0-A16 must conform to the addressing sequence for the first 3 bytes as shown above.
2.
After the command sequence has been issued and a page write operation follows, the page address inputs
(A7‑A16) must be the same for each high‑to‑low transition of WE (or CE).
3.
OE must be high only when WE and CE are both low.
5.14
Data Polling Characteristics(1)
Table 5-5. Data Polling Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Hold Time
tDH
10
—
—
ns
OE Hold Time
tOEH
10
—
—
ns
OE to Output Delay(2)
tOE
—
—
—
ns
Write Recovery Time
tWR
0
—
—
ns
Note: 
1.
These parameters are characterized and not 100% tested.
2.
See AC Read Characteristics.
AT28C010
Device Operation
© 2020 Microchip Technology Inc.
DS20006311A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com