Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010E-12DM Datasheet(PDF) 14 Page - Microchip Technology

Part # AT28C010E-12DM
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010E-12DM Datasheet(HTML) 14 Page - Microchip Technology

Back Button AT28C010E-12DM Datasheet HTML 10Page - Microchip Technology AT28C010E-12DM Datasheet HTML 11Page - Microchip Technology AT28C010E-12DM Datasheet HTML 12Page - Microchip Technology AT28C010E-12DM Datasheet HTML 13Page - Microchip Technology AT28C010E-12DM Datasheet HTML 14Page - Microchip Technology AT28C010E-12DM Datasheet HTML 15Page - Microchip Technology AT28C010E-12DM Datasheet HTML 16Page - Microchip Technology AT28C010E-12DM Datasheet HTML 17Page - Microchip Technology AT28C010E-12DM Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
5.9
Page Mode Write Waveforms(1,2)
OE
CE
WE
t
WP
t
AS
t
AH
t
WPH
t
BLC
t
DH
t
DS
t
WC
DATA
A0-A16
VALID ADD
VALID DATA
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 126
BYTE 127
Note: 
1.
A7 through A16 must specify the page address during each high-to-low transition of WE (or CE).
2.
OE must be high only when WE and CE are both low.
5.10
Chip Erase Waveforms
V
IH
CE
V
IL
V
H
(
3)
OE
V
IH
V
IH
V
IL
WE
t
S
(
1)
t
W
(
2)
t
H
Note: 
1.
tS = 5 msec (minimum)
2.
tW = tH = 10 msec (minimum)
3.
VH = 12.0V ± 0.5V
AT28C010
Device Operation
© 2020 Microchip Technology Inc.
DS20006311A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com