Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010E-12DM Datasheet(PDF) 11 Page - Microchip Technology

Part # AT28C010E-12DM
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010E-12DM Datasheet(HTML) 11 Page - Microchip Technology

Back Button AT28C010E-12DM Datasheet HTML 7Page - Microchip Technology AT28C010E-12DM Datasheet HTML 8Page - Microchip Technology AT28C010E-12DM Datasheet HTML 9Page - Microchip Technology AT28C010E-12DM Datasheet HTML 10Page - Microchip Technology AT28C010E-12DM Datasheet HTML 11Page - Microchip Technology AT28C010E-12DM Datasheet HTML 12Page - Microchip Technology AT28C010E-12DM Datasheet HTML 13Page - Microchip Technology AT28C010E-12DM Datasheet HTML 14Page - Microchip Technology AT28C010E-12DM Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Note: 
1.
CE may be delayed up to tACC‑tCE after the address transition without impact on tACC.
2.
OE may be delayed up to tCE‑tOE after the falling edge of CE without impact on tCE or by tACC‑tOE after an
address change without impact in tACC.
3.
tDF is specified from OE or CE, whichever occurs first (CL = 5 pF).
4.
This parameter is characterized and is not 100% tested.
5.
If CE is de-asserted, it must remain de-asserted for at least 50 ns during read operations, otherwise incorrect
data may be read.
5.3
AC Read Waveforms
High-Z
High-Z
t
CE
t
OE
t
ACC
t
ACC
t
DF
t
OH
t
CE
t
OE
t
ACC
t
DF
t
OH
5.4
Input Test Waveforms and Measurement Level
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVELS
3.0V
0.0V
1.5V
5.5
Output Test Load
5.0V
1.8K
1.3K
OUTPUT
PIN
100 pF
AT28C010
Device Operation
© 2020 Microchip Technology Inc.
DS20006311A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com