Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010E-12DM Datasheet(PDF) 10 Page - Microchip Technology

Part # AT28C010E-12DM
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010E-12DM Datasheet(HTML) 10 Page - Microchip Technology

Back Button AT28C010E-12DM Datasheet HTML 6Page - Microchip Technology AT28C010E-12DM Datasheet HTML 7Page - Microchip Technology AT28C010E-12DM Datasheet HTML 8Page - Microchip Technology AT28C010E-12DM Datasheet HTML 9Page - Microchip Technology AT28C010E-12DM Datasheet HTML 10Page - Microchip Technology AT28C010E-12DM Datasheet HTML 11Page - Microchip Technology AT28C010E-12DM Datasheet HTML 12Page - Microchip Technology AT28C010E-12DM Datasheet HTML 13Page - Microchip Technology AT28C010E-12DM Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
After setting SDP, any attempt to write to the device without the 3‑byte command sequence will start the internal write
timers. No data will be written to the device; however, for the duration of tWC, read operations will effectively be polling
operations.
DEVICE IDENTIFICATION: An extra 128 bytes of EEPROM memory are available to the user for device
identification. By raising A9 to 12V ± 0.5V and using address locations 1FF80H to 1FFFFH, the bytes may be written
to or read from in the same manner as the regular memory array.
OPTIONAL CHIP ERASE MODE: The entire device can be erased using a 6‑byte software code. See Software Chip
Erase application note for details.
5.1
Operating Modes
Table 5-1. Operating Modes
Mode
CE
OE
WE
I/O
Read
VIL
VIL
VIH
DOUT
Write(1)
VIL
VIH
VIL
DIN
Standby/Write Inhibit
VIH
X(2)
X
High-Z
Write Inhibit
X
X
VIH
Write Inhibit
X
VIL
X
Output Disable
X
VIH
X
High-Z
Note: 
1.
Refer to AC Programming Waveforms.
2.
X can be VIL or VIH.
5.2
AC Read Characteristics
Table 5-2. AC Read Characteristics
Parameter
Symbol
AT28C010‑12
AT28C010‑15
AT28C010‑20
AT28C010‑25
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Address to
Output Delay
tACC
—
120
—
150
—
200
—
250
ns
CE to Output
Delay
tCE(1)
—
120
—
150
—
200
—
250
ns
OE to Output
Delay
tOE(2)
0
50
0
55
0
55
0
55
ns
CE or OE to
Output Float
tDF(3,4)
0
50
0
55
0
55
0
55
ns
Output Hold
from OE, CE
or Address,
whichever
occurred first
tOH
0
0
0
0
ns
CE Pulse
High Time
tCEPH(5)
50
—
50
—
50
—
50
—
ns
AT28C010
Device Operation
© 2020 Microchip Technology Inc.
DS20006311A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com