Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010E-12DM Datasheet(PDF) 28 Page - Microchip Technology

Part # AT28C010E-12DM
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010E-12DM Datasheet(HTML) 28 Page - Microchip Technology

Back Button AT28C010E-12DM Datasheet HTML 23Page - Microchip Technology AT28C010E-12DM Datasheet HTML 24Page - Microchip Technology AT28C010E-12DM Datasheet HTML 25Page - Microchip Technology AT28C010E-12DM Datasheet HTML 26Page - Microchip Technology AT28C010E-12DM Datasheet HTML 27Page - Microchip Technology AT28C010E-12DM Datasheet HTML 28Page - Microchip Technology AT28C010E-12DM Datasheet HTML 29Page - Microchip Technology AT28C010E-12DM Datasheet HTML 30Page - Microchip Technology AT28C010E-12DM Datasheet HTML 31Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
AT28 = Parallel EEPROM
C = 4.5V to 5.5V
/883 = MIL-STD-883 Class B Product
M = -55°C to +125°C Military Temperature Grade, Sn63/Pb37 Terminal Finish
AT28C 010 (E)- 20 EM /883
010 = 1 Mbit Size
E = 100K Extended Write Endurance Option
12 = 120 ns Speed
15 = 150 ns Speed
20 = 200 ns Speed
25 = 250 ns Speed
WM = Die Sales (contact Microchip)
DWFM = Wfer Sales (contact Microhip)
D = 32-Lead, 600 mil Wide, Non-Windowed, Ceramic Dual Inline (Cerdip)
E = 32-Pad, Non-Windowed, Combo Lid, Leadless Chip Carrier (LCC)
F = 32-Lead, Non-Windowed, Ceramic Bottom-Brazed Flat Package (Flatpack)
U = 30-Pin, Ceramic Pin Grid Array (PGA)
Blank = 10K Standard Write Endurance
Examples
Table 11-1. AT28C010 Ordering Information
Ordering Code
Standard Military
Drawing Number
(SMD#)
Package
Number
tACC(ns)
Operating Range
AT28C010-12DM/883
5962-38267 07 MXA
32D6
120
Military/883C Class B, Fully
Compliant (-55°C to 125°C)
AT28C010-12EM/883
5962-38267 07 MUA
32L1
AT28C010-12FM/883
5962-38267 07 MZA
32F
AT28C010-12UM/883
5962-38267 07 MTA
30U
AT28C010-15DM/883
5962-38267 05 MXA
32D6
150
AT28C010-15EM/883
5962-38267 05 MUA
32L1
AT28C010-15FM/883
5962-38267 05 MZA
32F
AT28C010-15UM/883
5962-38267 05 MTA
30U
AT28C010-20DM/883
5962-38267 03 MXA
32D6
200
AT28C010-20EM/883
5962-38267 03 MUA
32L1
AT28C010-20FM/883
5962-38267 03 MZA
32F
AT28C010-20UM/883
5962-38267 03 MTA
30U
AT28C010-12DM/883
5962-38267 01 MXA
32D6
250
AT28C010-12FM/883
5962-38267 01 MZA
32F
AT28C010-WM
None
Die Sales
Note 1
AT28C010-DWFM
None
Wafer Sales
Note 1
Note: 
1.
Contact Microchip Sales for Die and Wafer sales
AT28C010
© 2020 Microchip Technology Inc.
DS20006311A-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com