Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010E-12DM Datasheet(PDF) 29 Page - Microchip Technology

Part # AT28C010E-12DM
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010E-12DM Datasheet(HTML) 29 Page - Microchip Technology

Back Button AT28C010E-12DM Datasheet HTML 23Page - Microchip Technology AT28C010E-12DM Datasheet HTML 24Page - Microchip Technology AT28C010E-12DM Datasheet HTML 25Page - Microchip Technology AT28C010E-12DM Datasheet HTML 26Page - Microchip Technology AT28C010E-12DM Datasheet HTML 27Page - Microchip Technology AT28C010E-12DM Datasheet HTML 28Page - Microchip Technology AT28C010E-12DM Datasheet HTML 29Page - Microchip Technology AT28C010E-12DM Datasheet HTML 30Page - Microchip Technology AT28C010E-12DM Datasheet HTML 31Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Table 11-2. AT28C010E Ordering Information
Ordering Code
Standard
Military Drawing
Number (SMD#)
Package
Number
tACC(ns)
Operating Range
AT28C010E-12DM/883
None
32D6
120
Military/883C Class B,
Fully Compliant (-55°C to
125°C)
AT28C010E-12EM/883
None
32L1
AT28C010E-12FM/883
None
32F
AT28C010E-12UM/883
None
30U
AT28C010E-15DM/883
None
32D6
150
Package Types
32D6
32-Lead, 0.600" Wide, Non-Windowed, Ceramic Dual Inline (Cerdip)
32F
32-Lead, Non-Windowed, Ceramic Bottom-Brazed Flat Package (Flatpack)
32L1
32-Pad, Non-Windowed, Combo Lid, Leadless Chip Carrier (LCC)
30U
30-Pin, Ceramic Pin Grid Array (PGA)
WM
Diced Die Military
DWFM
Die in Wafer Form Military
Options
Blank
Standard Device: Endurance = 10K Write Cycles; Write Time 10 ms
E
High Endurance Option: Endurance = 100K Write Cycles
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip devices:
• Microchip products meet the specification contained in their particular Microchip Data Sheet.
• Microchip believes that its family of products is one of the most secure families of its kind on the market today,
when used in the intended manner and under normal conditions.
• There are dishonest and possibly illegal methods used to breach the code protection feature. All of these
methods, to our knowledge, require using the Microchip products in a manner outside the operating
specifications contained in Microchip’s Data Sheets. Most likely, the person doing so is engaged in theft of
intellectual property.
• Microchip is willing to work with the customer who is concerned about the integrity of their code.
• Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code
protection does not mean that we are guaranteeing the product as “unbreakable.”
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection
features of our products. Attempts to break Microchip’s code protection feature may be a violation of the Digital
Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you
may have a right to sue for relief under that Act.
Legal Notice
Information contained in this publication regarding device applications and the like is provided only for your
convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with
your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER
EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION,
AT28C010
© 2020 Microchip Technology Inc.
DS20006311A-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com