Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010E-12DM Datasheet(PDF) 6 Page - Microchip Technology

Part # AT28C010E-12DM
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010E-12DM Datasheet(HTML) 6 Page - Microchip Technology

Back Button AT28C010E-12DM Datasheet HTML 2Page - Microchip Technology AT28C010E-12DM Datasheet HTML 3Page - Microchip Technology AT28C010E-12DM Datasheet HTML 4Page - Microchip Technology AT28C010E-12DM Datasheet HTML 5Page - Microchip Technology AT28C010E-12DM Datasheet HTML 6Page - Microchip Technology AT28C010E-12DM Datasheet HTML 7Page - Microchip Technology AT28C010E-12DM Datasheet HTML 8Page - Microchip Technology AT28C010E-12DM Datasheet HTML 9Page - Microchip Technology AT28C010E-12DM Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
3.
Description
The AT28C010 is a high‑performance Electrically Erasable and Programmable Read‑Only Memory (EEPROM).
Its 1‑Mb memory is organized as 131,072 words by 8 bits. Manufactured with Microchip’s advanced nonvolatile
CMOS technology, the device offers access times to 120 ns with power dissipation of just 440 mW. When the device
is deselected, the CMOS standby current is less than 300 µA.
The AT28C010 is accessed like a Static RAM for the read or write cycle without the need for external components.
The device contains a 128‑byte page register to allow writing of up to 128 bytes simultaneously. During a write cycle,
the address and 1 to 128 bytes of data are internally latched, freeing the address and data bus for other operations.
Following the initiation of a write cycle, the device will automatically write the latched data using an internal control
timer. The end of a write cycle can be detected by DATA Polling of I/O7. Once the end of a write cycle has been
detected, a new access for a read or write can begin.
The AT28C010 has additional features to ensure high quality and manufacturability. The device utilizes internal error
correction for extended endurance and improved data retention characteristics. An optional software data protection
mechanism is available to guard against inadvertent writes. The device also includes an extra 128 bytes of EEPROM
for device identification or tracking.
3.1
Block Diagram
V
CC
Y Decoder
Address
Inputs
X Decoder
Data Inputs/Outputs
Data Latch
Input/Output Buffers
Y-Gating
Cell Matrix
Identification
OE, CE and WE Logic
GND
OE
WE
CE
I/O0-I/O7
AT28C010
Description
© 2020 Microchip Technology Inc.
DS20006311A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com