Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-2 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # LS-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-2 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button LS-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
27
ø30 Series Pilot Lights ø30
Dome Pilot Lights
Package Quantity: 1
Shape
Lamp
Lamp Recep-
tacle
Part No.
➁ Lens/LED Color Code
Applicable Lamp
Dome
APN1
APNE1
Without Lamp
BA9S
APN199➁
DNA: amber
C:
clear
G:
green
O:
orange
R:
red
S:
blue
W:
white
DNY: yellow
See page 75 for
lamps.
E12
APNE199➁
LED
BA9S
APN1➂DN➁
A:
amber
G:
green
PW: pure white R:
red
S:
blue
W:
white
Y:
yellow
LSTD-*➁
E12
APNE1➂DN➁
A:
amber
G:
green
R:
red
S:
blue
W:
white
Y:
yellow
LETD-*➁
Incandescent
BA9S
APN1➂➁
C:
clear
G:
green
O:
orange
R:
red
S:
blue
W:
white
LS-*
E12
APN1➂➁
LE-*
Operating Voltage Code
Specify an operating voltage code in place of ➂ in the Part No.
➂ Operating Voltage Code
Input
LED
Incandescent (BA9S)
Incandescent (E12)
66: 6V AC/DC
11: 12V AC/DC
22: 24V AC/DC
66: 6V AC/DC
88: 12V AC/DC
33: 24V AC/DC
Full Voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
486: 480V AC
18: 100/110V AC
128: 120V AC
238: 200/220V AC
248: 240V AC
388: 380V AC
48: 400/440V AC
488: 480V AC
Transformer
16D: 110V DC
DC-DC Converter *
•Specify a lens/LED color code in place of ➁ in the Part No.
•Use a white lens for LED pure white illumination (LSTD).
•Use a pure white LED lamp for yellow illumination.
* DC-DC converter types are not approved by UL and CSA, and not CE compliant (operating voltage 90 to 140V DC).
Dimensions
M3 Terminal Screw
40
Panel Thickness 0.8 to 7.5
21.5
23.5
M3.5 Terminal Screw
40
Panel Thickness 0.8 to 7.5
23.5
58.5
All dimensions in mm.
Full Voltage
Transformer
DC-DC Converter
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com