Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-2 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # LS-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-2 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button LS-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 24Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 25Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 26Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 27Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 28Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 29Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
41
ø30 Series Illuminated Pushbuttons ø30
Incandescent
Pushlock Turn Reset/Push Turn Lock Illuminated Pushbuttons
Package Quantity: 1
Shape
Lamp Recep-
tacle
Operation
Lamp
Contact
Part No.
Applicable Lamp
ø40 Mushroom
Pushlock Turn Reset
AVLN3
AVLNE3
BA9S
Pushlock Turn
Reset
Without Lamp
1NO-1NC
AVLN39911NR
See page 75 for
lamps.
2NO
AVLN39920NR
2NC
AVLN39902NR
Incandescent
1NO-1NC
AVLN3➂11NR
LS-*
2NO
AVLN3➂20NR
2NC
AVLN3➂02NR
E12
Pushlock Turn
Reset
Without Lamp
1NO-1NC
AVLNE39911NR
See page 75 for
lamps.
2NO
AVLNE39920NR
2NC
AVLNE39902NR
Incandescent
1NO-1NC
AVLNE3➂11NR
LE-*
2NO
AVLNE3➂20NR
2NC
AVLNE3➂02NR
ø40 Mushroom
Push Turn Lock
AJLN3
BA9S
Push Turn Lock
Without Lamp
1NO-1NC
AJLN39911N➁
See page 75 for
lamps.
2NO
AJLN39920N➁
2NC
AJLN39902N➁
Incandescent
1NO-1NC
AJLN3➂11N➁
LS-*
2NO
AJLN3➂20N➁
2NC
AJLN3➂02N➁
Color Code and Operating Voltage Code
Specify a code in place of ➁ or ➂ in the Part No.
➁ Lens Color Code
➂ Operating Voltage Code
Input
Incandescent (BA9S)
Incandescent (E12)
Specify a lens color code in place of ➁ in the
Part No.
G: green
O: orange
R: red
66: 6V AC/DC
88: 12V AC/DC
33: 24V AC/DC
Full voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
486: 480V AC
18: 100/110V AC
128: 120V AC
238: 200/220V AC
248: 240V AC
388: 380V AC
48: 400/440V AC
488: 480V AC
Transformer
•
Pushlock Turn Reset: Lens is maintained when pressed and is reset when turned clockwise. Red lens only.
Note:
AVNL3 and AVNLE3 pushlock turn reset switches cannot be used as emergency stop switches. When emergency stop switches
are required, use XN or HN series emergency stop switches (ISO 13850 and IEC 60947-5-5 compliant).
•
Push Turn Lock: Lens is maintained when turned clockwise in the depressed position and is reset when turned counterclockwise.
Dimensions
86 (4 blocks)
63 (2 blocks) 23.5
5.5
23
Panel Thickness
0.8 to 7.5
M3 Terminal
Screw
M3.5 Terminal
Screw
100.5 (4 blocks)
77.5 (2 blocks)
20
5.5
23
M3 Terminal
Screw
M3.5 Terminal
Screw
Panel Thickness
0.8 to 7.5
M3.5 Terminal
Screws
112 (2 blocks)
135 (4 blocks)
23
Panel Thickness 0.8 to 7.5
40
20
86 (4 blocks)
63 (2 blocks) 23.5
Panel Thickness
0.8 to 7.5
5.5
23
M3 Terminal
Screw
M3.5 Terminal
Screw
AVLN3
BA9S/Full Voltage
AVLN3
BA9S/Transformer
AVLNE3
E12/Full Voltage
AVLNE3
E12/Transformer
AJLN3
BA9S/Full Voltage
H
M3.5Terminal
Screws
97.5(2blocks)
120.5(4blocks)
23
PanelThickness0.8to7.5
40
23.5
M3.5 Terminal
Screws
97.5 (2 blocks)
120.5 (4 blocks)
23
Panel Thickness
0.8 to 7.5
23.5
AJLN3
BA9S/Transformer
All dimensions in mm.
ø30
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com