Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LS-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LS-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
20
ø30 ø30 Series Switches & Pilot Lights (Ordering Information)
Ordering Information
Standard Units
•Specify an operator or lens color code in the Part No.
•Black, green, and red buttons are included with flush push-
buttons.
•Terminal covers, nameplates, and accessories are ordered
separately.
Terminal Cover
•When a terminal cover is required, order an applicable
terminal cover referring to page 67.
ø30 Series Pushbuttons
ABN2 11 R - MAU
Optional contact
MAU: Gold-plated silver contact
Button color code
Contact arrangement code
10: 1NO
01: 1NC
11: 1NO-1NC
20: 2NO
02: 2NC
22: 2NO-2NC
40: 4NO
04: 4NC
13: 1NO-3NC
31: 3NO-1NC
30: 3NO
03: 3NC
12: 1NO-2NC
21: 2NO-1NC
Note:
•Mushroom pull ATN23 can have a maximum of two contact
blocks.
•Mushroom push-pull return ATN22 cannot have only NO or only
NC contacts.
•No other contact configurations are available for square twin
UWQN1 than those specified in this catalog.
ø30 Series Pilot Lights
APN1 116 D R
Note:
•LED lamps cannot be used on 480V AC transformers.
Lens color code
Operating voltage code
ø30 Series Illuminated Pushbuttons
ALFN2 126 13 D N R - MAU
Note:
•Illuminated pushbuttons cannot have an odd number of contact
blocks, such as 1NO, 1NC, 3NO, 2NO-1NC, 1NO-2NC, and 3NC.
Optional contact
MAU: Gold-plated silver contact
Lens color code
Contact arrangement code
11: 1NO-1NC
20: 2NO
02: 2NC
31: 3NO-1NC
22: 2NO-2NC
13: 1NO-3NC
40: 4NO
04: 4NC
Operating voltage code
The Part No. development charts shown below can be used to specify switches and pilot lights other than those listed on the
following pages. Gold-plated silver contacts are also available.
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com