Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-2 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # LS-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-2 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button LS-2 Datasheet HTML 37Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 38Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 39Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 40Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 41Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 42Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 43Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 44Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
68
ø30 ø30 Series Accessories and Replacement Parts
Nameplates
Model
Legend
Material
Part No.
Ordering No.
Package
Quantity
Dimensions (mm)
Applicable Unit
NA
Blank
Aluminium
1.2 mm thick
White letters on
black background
NA-0
NA-0
1
ø30.5
40
ø30.5
40
ø30 switches &
pilot lights
NA-0PN10
10
With Legend
NA-∗
NA-∗
1
NA-∗PN10
10
NALO
Blank
Aluminium
1.2 mm thick
Black
NALO
NALO
1
40
NALOPN10
10
MLO
Blank
Brass
(chrome-plated)
1.0 mm thick
Matte
MLO
MLO
1
4
70
ø30.5
ø43
Letters should not be
engraved within this line
ARN/ARNS
Mono-Lever
MLOPN10
10
CQ
Blank
Aluminium
0.5 mm thick
White letters on
black background
CQ-0
CQ-0
1
• With adhesive tapes on
the back
UCSQO
Cam Switch
CQ-0PN10
10
With Legend
(Legend
Codes 31
and 53 only)
CQ-∗
CQ-∗
1
CQ-∗PN10
10
CQM
Blank
Aluminium
0.5 mm thick
White letters on
black background
CQM-0
CQM-0
1
• With adhesive tapes on
the back
UCSQM
Cam Switch
CQM-0PN10
10
With Legend
(Legend
Code 31
only)
CQM-∗
CQM-∗
1
CQM-∗PN10
10
•Specifyalegendcodeinplaceof∗intheOrderingNo.
20
ø13
2-ø3.5
64
40
12
2-ø3.5
ø13
64
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com