Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-2 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # LS-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-2 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button LS-2 Datasheet HTML 33Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 34Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 35Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 36Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 37Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 38Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 39Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 40Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
52
ø30 ø30 Series Illuminated Selector Switches
ASLN Illuminated Selector Switches
90° 2-position
Package Quantity: 1
Shape
Contact Arrangement Chart
ASLN (Base BA9S)
Contact
Code
Contact Block
Operator
Position
Lamp
Maintained
L
R
Spring Return
from Right
L
R
Spring Return
from Left
L
R
Mounting
Position
Con-
tact
L
R
11
(1NO-1NC)
1
NO
●
Without Lamp
ASLN29911N➁
ASLN219911N➁
ASLN229911N➁ *
2
NC
●
LED
ASLN2➂11DN➁
ASLN21➂11DN➁
ASLN22➂11DN➁ *
Incandescent
ASLN2➂11N➁
ASLN21➂11N➁
ASLN22➂11N➁*
20
(2NO)
1
NO
●
Without Lamp
ASLN29920N➁
ASLN219920N➁
ASLN229920N➁*
2
NO
●
LED
ASLN2➂20DN➁
ASLN21➂20DN➁
ASLN22➂20DN➁*
Incandescent
ASLN2➂20N➁
ASLN21➂20N➁
ASLN22➂20N➁*
22
(2NO-2NC)
1
NO
●
Without Lamp
ASLN29922N➁
ASLN219922N➁
ASLN229922N➁ *
2
NC
●
3
NO
●
LED
ASLN2➂22DN➁
ASLN21➂22DN➁
ASLN22➂22DN➁ *
4
NC
●
Incandescent
ASLN2➂22N➁
ASLN21➂22N➁
ASLN22➂22N➁ *
Color Code and Operating Voltage Code
Specify a code in place of ➁ or ➂ in the Part No.
➁ Lens/LED Color Code
➂ Operating Voltage Code
Input
LED
Incandescent
LED
Incandescent
A: amber
G: green
R: red
S: blue
W: white
Y: yellow
Use a pure white
LED lamp for yellow
illumination
A: amber
G: green
R: red
S: blue
W: white
66: 6V AC/DC
11: 12V AC/DC
22: 24V AC/DC
66: 6V AC/DC
88: 12V AC/DC
33: 24V AC/DC
Full voltage
16: 100/110V AC
136: 120V AC
26: 200/220V AC
256: 240V AC
386: 380V AC
46: 400/440V AC
16: 100/110V AC
136: 120V AC
26: 200/220V AC
256: 240V AC
386: 380V AC
46: 400/440V AC
486: 480V AC
Transformer
On the 2-position selector switches marked with * above, the contact operation is reversed as follows.
[Example]
1
2
3
4
L
R
1
NO
●
2
NO
●
3
NC
●
4
NC
●
Right
Left
Operator
Position
40
23
5.5
28
9
M3.5 Terminal Screws
M3 Terminal Screw
63 (2 blocks)
A: 86 (4 blocks)
B: 97.5 (2 blocks), 120.5 (4 blocks)
Panel Thickness
0.8 to 7.5
(including nameplate)
90°
45°
45°
Contact Block Mounting Position
and Contact Arrangement Chart
Dimensions
A: Full voltage
B: Transformer
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com