Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-2 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # LS-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-2 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button LS-2 Datasheet HTML 36Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 37Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 38Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 39Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 40Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 41Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 42Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 43Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
67
ø30 Series Accessories and Replacement Parts ø30
Terminal Covers
Terminal Cover
ø30 Series Switches & Pilot Lights
N-VL2
N-VL3
N-VL4
APN-PVL
APD-PVL
Use of termi-
nal covers
increases the
depth by the
dimensions
below.
Terminal Cover
Pilot Light
APN, APNE, UPQN, UPQNE
Full Voltage
X
+5.0 mm
Pilot Light
APD, APDE
X
+5.2 mm
Pilot Light
APN, APNE, APD, APDE,
UPQN, UPQNE
Transformer
DC-DC Converter
X
+2.7 mm
Pushbutton
ABN, ABD, AON, AOD, AVN,
ABGD, AJN, ABFD, ATN,
AOFD, UBQN, AVD, UOQN,
AJD, UWQN, AZD, ABBN,
AYD, ABBS (ø25)
Selector Switch
ASN, ASD, ASTN
Selector Pushbutton
ABN, ASBD
1 contact block
X
+0 mm
2 contact blocks
X
2 pieces
3 contact blocks
X
2 pieces
4 contact blocks
X
2 pieces
Illuminated Pushbutton
ALN, ALD, ALNE, ALDE,
AOLN, AOLD, AOLNE,
AOLDE, ALGN, ALGD,
ALGNE, ALGDE, AOLGN,
AOLGDE, ALFN, ALFD,
ALFNE, ALFDE, AOLFN,
AOLFD, AOLFNE, AOLFDE,
AVLN, AVLD, AVLNE, AVLDE,
AJLN, AJLD, AJLNE, AJLDE,
ULQN, UOLQN
Illuminated Selector Switch
ASLN, ASLD
Push-to-Check Pilot Light
APN1
∗∗P
Full Voltage
X
2 pieces
+4.5 mm
Transformer
DC-DC Converter
X
+1.5 mm
Ordering Terminal Covers
•Whenorderingterminalcovers,specifythePartNo.andthequantity.
38.4H × 22W 38H × 30.4W 38.4H × 24W
38H × 46W
37H × 44W
Terminal Cover
CB
CB
CB
CB
CB
CB
CB
CB
CB
CB
Terminal Cover
(N-VL2)
Terminal Cover
(N-VL2)
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com