Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-2 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # LS-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-2 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button LS-2 Datasheet HTML 31Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 32Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 33Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 34Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 35Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 36Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 37Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 38Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
50
ø30 ø30 Series Selector Switches
ASTNL Selector Switches (Lever Operator)
Package Quantity: 1
Shape
Contact Arrangement Chart
ASTNL
•Lever operator: Black
•Round bezel (metal): Chrome-plated
Contact
Code
Contact Block
Operator Position
Maintained
Spring Return
from Right
—
—
Mounting
Position
Contact
L
R
L
R
L
R
—
—
11
(1NO-1NC)
1
NO
●
ASTN32L11
ASTN42L11
—
—
2
NC
●
22
(2NO-2NC)
1
NO
●
ASTN32L22
ASTN42L22
2
NO
●
3
NC
●
4
NC
●
Contact
Code
Contact Block
Operator Position
Maintained
Spring Return
from Left
Spring Return
from Right
Spring Return
Two-way
Mounting
Position
Contact
L
C
R
C
L
R
C
L
R
C
L
R
C
L
R
20
(2NO)
1
NO
●
—
—
—
ASTN51L20
2
NO
●
22
(2NO-2NC)
1
NO
●
ASTN11L22
ASTN21L22
ASTN201L22
ASTN51L22
2
NO
●
3
NC
4
NC
22
(2NO-2NC)
1
NO
●
●
ASTN12L22
ASTN22L22
ASTN202L22
ASTN52L22
2
NO
●
3
NC
●
4
NC
40
(4NC)
1
NO
●
ASTN13L40
—
—
—
2
NO
●
3
NO
●
4
NO
●
22
(2NO-2NC)
1
NO
●
ASTN14L22
—
ASTN204L22
—
2
NC
3
NC
4
NO
●
20
(2NO)
1
NO
●
ASTN15L20
—
ASTN205L20
—
2
NO
●
40
(4NO)
1
NO
●
ASTN15L40
—
ASTN205L40
—
2
NO
●
3
NO
●
4
NO
●
11
(1NO-1NC)
1
NC
●
ASTN16L11
—
—
—
2
NO
●
22
(2NO-2NC)
1
NC
●
ASTN16L22
—
—
—
2
NO
●
3
NC
●
4
NO
●
11
(1NO-1NC)
1
NO
●
—
—
—
ASTN51L11
2
NC
Notes:
1.Theoperatorofthe2­wayspringreturnunitmayslightlydeviatefromthecenterposition.
2.Turntheoperatortoeachpositionaccurately.
L
C R
1
NO ●
2
NO
●
3
NC
4
NC
Center
Right
Left
Operator
Position
1
2
3
4
Contact Block Mounting Position and
Contact Arrangement Chart
Dimensions
40
6
23
29
M3.5 Terminal Screw
Panel Thickness
0.8 to 7.5
58 (1 or 2
blocks)
81 (4 blocks)
90°
45°
45°
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com